| Moteur de recherche de fiches techniques de composants électroniques |
|
R7HL-RS4-R Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7HL-RS4-R Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 55 page ![]() MODEL: R7HL R7HL SPECIFICATIONS ES-7812 Rev.18 Page 2/55 http://www.m-system.co.jp/ FUNCTIONS & FEATURES The R7HL interfaces analog and discrete I/O signals with a PLC via HLS (Hi-speed Link System) Input sensor type (thermocouple, RTD) and range can be selected with the front DIP switches for all channels. In order to set different selections for individual channels, zero/span adjustments, scaling and temperature unit, use the PC Configurator Software (model: R7CON) (HLS is the abbreviation for “Hi-speed Link System” of Step Technica Co., Ltd.) RELATED PRODUCTS • PC configurator software (model: R7CON) Downloadable at M-System’s web site. A dedicated cable is required to connect the module to the PC. Please refer to the internet software download site or the users manual for the PC configurator for applicable cable types. GENERAL SPECIFICATIONS • Common Specifications Power input: 24 V DC ±10 %; ripple 10 %p-p max. Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 1500 V AC @1 minute (between isolated circuits) Operating temperature: -10 to +55°C (14 to 131°F) Operating humidity: 30 to 90 %RH (non-condensing) Atmosphere: No corrosive gas or heavy dust Storage temperature: -20 to +65°C (-4 to +149°F) Mounting: DIN rail (35 mm wide) Housing material: Flame-resistant resin (gray) Status indicator LEDs: PWR, RUN (Refer to the instruction manual for details) ■ Current consumption & weight R7HL-DA16: Approx. 35 mA, 200 g (0.44 lb) R7HL-DC16A: Approx. 45 mA, 200 g (0.44 lb) R7HL-DC16B: Approx. 45 mA, 200 g (0.44 lb) R7HL-DAC15E: Approx. 40 mA, 200 g (0.44 lb) R7HL-DAC16A: Approx. 40 mA, 200 g (0.44 lb) R7HL-DAC16B: Approx. 40 mA, 200 g (0.44 lb) R7HL-DAC16C: Approx. 45 mA, 200 g (0.44 lb) R7HL-DAC16ES: Approx. 40 mA, 200 g (0.44 lb) R7HL-DC8C: Approx. 45 mA (60 mA*), 200 g (0.44 lb) R7HL-SV4: Approx. 90 mA, 200 g (0.44 lb) R7HL-SVF4: Approx. 90 mA, 200 g (0.44 lb) R7HL-TS4: Approx. 90 mA, 200 g (0.44 lb) R7HL-RS4: Approx. 90 mA, 200 g (0.44 lb) R7HL-LC2: Approx. 150mA, 220g (0.49 lb) R7HL-PA4E: Approx. 50 mA, 130 g (0.29 lb) R7HL-PA2Sx**: Approx. 80 mA, 160 g (0.36 lb) R7HL-YV2: Approx. 100 mA, 200 g (0.44 lb) R7HL-YS2: Approx. 140 mA, 200 g (0.44 lb) R7HL-SVF8NL: 50 mA, 200 g (0.44 lb) R7HL-YV4L: 75 mA, 180 g (0.40 lb) * Relay driving current. ** Sensor excitation current is added for incorporated sensor excitation type. HLS COMMUNICATION Communication mode: Communication mode option code blank: Full-duplex Communication mode option code /H: half-duplex Network cable Full-duplex communication: ZHY262PS and ZHT262PS (Shinko Seisen Industry Co., Ltd.) Half-duplex communication: ZHY221PS (Shinko Seisen Industry Co., Ltd.) Dual-shield cable: ZHY262PBA (Shinko Seisen Industry Co., Ltd.) Transmission distance / Transfer rate: Transfer rate option code blank: 100 meters (328 ft)/12 Mbps, 200 meters (656 ft)/6 Mbps Transfer rate option code /3: 300 meters (984 ft)/3 Mbps (Selectable with DIP switch) Status indicator LED: RUN (Refer to the instruction manual for details) Station address: Rotary switch (Refer to the instruction manual) Terminating resistor: Built-in (Selected with the DIP SW; factory setting: disabled) STANDARDS & APPROVALS Refer to the manuals to comply with the standards. EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 Low Voltage Directive (R7HL-DC8C only. Refer to the instruction manual for the detail.) EN 61010-1, EN 61010-2-201 Measurement Category II (output) Pollution Degree 2 Output to power: Basic insulation (150 V) RoHS Directive |