| Moteur de recherche de fiches techniques de composants électroniques |
|
R7D-MS4/Q Fiches technique(PDF) 11 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7D-MS4/Q Fiches technique(HTML) 11 Page - M-System Co.,Ltd. |
|
11 / 38 page ![]() MODEL: R7D R7D SPECIFICATIONS ES-7802 Rev.21 Page 11/38 http://www.m-system.co.jp/ TRANSMISSION DATA DESCRIPTIONS ■ STATUS Status signal can be included in the transmission data when the setting is enabled using the PC Configurator software (model: R7CON).* 3 For details, refer to “STATUS in I/O DATA DESCRIPTIONS”. STATUS OUTPUT DATA* 1 INPUT DATA* 2 (R7D to Master) (Master to R7D) Enabled 1 0 Disabled 0 0 *3. The setting is not available as there is no status signal in R7D-DC8C. ■ BASIC MODULE Transmitted data (word) depends upon the modules types. MODEL OUTPUT DATA* 1 INPUT DATA* 2 (R7D to Master) (Master to R7D) R7D-DA16 1 0 R7D-DCx 0 1 R7D-RR8 1 1 R7D-SV4 4 0 R7D-TS4 4 0 R7D-RS4 4 0 R7D-MS4 4 0 R7D-CT4E 4 0 R7D-PA8 17 17 R7D-YV2x 0 2 R7D-YS2x 0 2 ■ EXTENSION MODULE Transmitted data (word) for the extension module is added. MODEL OUTPUT DATA* 1 INPUT DATA* 2 (R7D to Master) (Master to R7D) R7D-EAx 1 0 R7D-ECx 0 1 *1. Output Data means those sent to the master. *2. Input Data means those received from the master. EXTENSION MODULE A ‘basic’ module can be attached with one ‘extension’ module. The extension module is powered from the basic module. By combining two modules, single station can handle mixed analog and discrete signals, 32-point discrete inputs, 32-point discrete outputs, 16-point discrete I/Os and other combinations of signals. Note: Relay contact 8 points output module can not be attached with an ‘Extension’ module. ■ OUTPUT AT THE LOSS OF COMMUNICATION The extension module is set to ‘Hold Output’ by factory default setting. The PC Configurator software is used to change the setting to ‘Reset Output.’ CONNECTING THE EXTENSION MODULE 1) Remove the extension connector cover located at the side of the basic module. 2) Connect the extension module. 3) Mount the combined module on a DIN rail. |