| Moteur de recherche de fiches techniques de composants électroniques |
|
R7E-YS2-R Fiches technique(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R7E-YS2-R Fiches technique(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 31 page ![]() MODEL: R7E R7E SPECIFICATIONS ES-7807 Rev.13 Page 7/31 http://www.m-system.co.jp/ DATA CONVERSION I 0 – 100% DATA CONVERSION Analog input data is converted into digital representations of 0 – 100% proportional to each scaled range. The converted % values are multiplied by 100 and expressed in 16 bits. Overrange input is possible from -15 to +115% of the nominal range. When the signal exceeds the limit, the data is fixed at -15% or +115% respectively. Negative value is represented in 2 s complements. • Input Range 0 – 5 V DC ≤ -0.75 V 0 V 5 V ≥ 5.75 V Input Value -15% 0% 100% 115% Input % -1500 0 10000 11500 Converted Data, Decimal FA24 0 2710 2CEC Converted Data, Hex Analog output is converted in the reverse order of the input data. The output range 0 – 5 V DC is expressed as 10000 at 5.0 V (100%) and 0 at 0 V (0%). 11500 (2CEC) 10000 (2710) -0.75 -1500 (FA24) 5.0 5.75 0 (V) I ENGINEERING UNIT CONVERSION Engineering unit value °C or K is multiplied by 10 and expressed in 16 bits. °F data is represented in engineering unit value, without multiplication. Engineering unit value A is multiplied by 100 or 1000, expressed in 16 bits. Negative value is represented in 2 s complements. • Input TYPE K Thermocouple ≤ -272°C -150°C 1370°C ≥ 1472°C Input Value -2720 -1500 13700 14720 Converted Data, Decimal F560 FA24 3584 3980 Converted Data, Hex 14720 (3980) 13700 (3584) -272 -150 -1500 (FA24) -2720 (F560) 1370 1472 (°C) ■ COUNT VALUE The count value is 32-bit data. It is divided in 2 words of 16 bits represented with 2 addresses.The lower address is allocated in the upper word (MSB) and the upper address in the lower word (LSB). The count value is 0 - 4 294 967 295. The maximum count value available is 1 000 - 4 294 967 295. In case of overflow, the vaule is reset to 0 or 1 (configurable) from which the count will restart. The preset of the count value is also available. Use the R7CON or host PC/PLC for the configuration. |