| Moteur de recherche de fiches techniques de composants électroniques |
|
R3-WT4B3AS Fiches technique(PDF) 3 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-WT4B3AS Fiches technique(HTML) 3 Page - M-System Co.,Ltd. |
|
3 / 7 page ![]() MODEL: R3-WT4B R3-WT4B SPECIFICATIONS ES-8384 Rev.5 Page 3/7 http://www.m-system.co.jp/ EXTERNAL VIEW ERR LED RUN LED ■ SIDE VIEW ■ FRONT VIEW 1 A B 2 3 4 5 6 7 8 9 10 1 2 3 4 5 6 7 8 9 10 ON 8 7 6 5 4 3 2 1 SW1 SW2 ON 8 7 6 5 4 3 2 1 SW3 ON 4 3 2 1 Input 2 (SW1) or Input 4 (SW2) Range Input 1 (SW1) or Input 3 (SW2) TRANSMISSION DATA DESCRIPTIONS VARIABLE A active power 16 bits active power 16 bits incoming energy 16 bits incoming energy 32 bits VARIABLE B incoming energy 16 bits incoming energy 32 bits outgoing energy 16 bits outgoing energy 32 bits ADDRESS V - - - - - - - - - - - - s t i b 6 1 y g r e n e g n i o g t u o C E L B A I R A n active power active power incoming energy incoming energy ch.1 ch.1 ch.1 ch.1, lower digits n + 1 active power active power incoming energy incoming energy ch.2 ch.2 ch.2 ch.1, upper digits n + 2 active power active power incoming energy incoming energy ch.3 ch.3 ch.3 ch.2, lower digits n + 3 active power active power incoming energy incoming energy ch.4 ch.4 ch.4 ch.2, upper digits n + 4 incoming energy incoming energy outgoing energy incoming energy ch.1 ch.1, lower digits ch.1 ch.3, lower digits n + 5 incoming energy incoming energy outgoing energy incoming energy ch.2 ch.1, upper digits ch.2 ch.3, upper digits n + 6 incoming energy incoming energy outgoing energy incoming energy ch.3 ch.2, lower digits ch.3 ch.4, lower digits n + 7 incoming energy incoming energy outgoing energy incoming energy ch.4 ch.2, upper digits ch.4 ch.4, upper digits n + 8 outgoing energy incoming energy 0 outgoing energy s t i g i d r e w o l , 1 . h c s t i g i d r e w o l , 3 . h c 1 . h c n + 9 outgoing energy incoming energy 0 outgoing energy s t i g i d r e p p u , 1 . h c s t i g i d r e p p u , 3 . h c 2 . h c n + 10 outgoing energy incoming energy 0 outgoing energy s t i g i d r e w o l , 2 . h c s t i g i d r e w o l , 4 . h c 3 . h c n + 11 outgoing energy incoming energy 0 outgoing energy s t i g i d r e p p u , 2 . h c s t i g i d r e p p u , 4 . h c 4 . h c y g r e n e g n i o g t u o 0 0 0 2 1 + n ch.3, lower digits y g r e n e g n i o g t u o 0 0 0 3 1 + n ch.3, upper digits y g r e n e g n i o g t u o 0 0 0 4 1 + n ch.4, lower digits y g r e n e g n i o g t u o 0 0 0 5 1 + n ch.4, upper digits SW3-3 / SW3-4 setting OFF / OFF ON / OFF OFF / ON ON / ON R3CON type ID WT4B***0 WT4B***1 WT4B***2 WT4B***3 Network Module Data 4, 8, 16 4, 8, 16 4, 8 4, 8, 16 Allocation Mode*1 n = I/O address on the installation base Factory setting = 1 kWh per bit. Data address depends upon the data allocation mode as indicated below: 4 (n thr. n+3) 8 (n thr. n+7) 16 (n thr. n+15) *1. Fixed at 16 for the R3-NPx. |