| Moteur de recherche de fiches techniques de composants électroniques |
|
IMXSABREAI2FS Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMXSABREAI2FS Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 2 page ![]() For current information about Freescale products and documentation, please visit freescale.com/SABREAI Freescale, the Freescale logo and the Energy Efficient Solutions logo are trademarks of Freescale Semiconductor, Inc., Reg. U.S. Pat.&Tm.Off.ARMisaregisteredtrademarkofARMLimited.ARMCortex-A9isatrademarkofARMLimited.Allotherproductor servicenamesarethepropertyoftheirrespectiveowners.©2012,2013,2014FreescaleSemiconductor,Inc. DocumentNumber:IMXSABREAI2FSRev0 production. Programmers can develop user interactive software and render product- specificgraphicsontheMCIMXLVDS1 display modules—a high-quality touch screen-enabled,high-resolutionLCD, available as an add-on module to the SABRE for automotive infotainment. Prototyping and development are simplified to reduce time to market. SABRE Platform for Automotive Infotainment Based on the i.MX 6Quad or i.MX 6DualLite CPU Card • i.MX6Quadprocessorrunningupto 1GHzori.MX6DualLiteprocessor runningupto800MHz • i.MX6Quadandi.MX6DualLitecanbe configuredasani.MX6Dualandi.MX 6Solo processor respectively for lower CPU load applications • 2GBDRAMrunningupto533MHz (DDR3-1066),64-bitbus:i.MX6Quad CPU Card • 2GBDRAMrunningupto400MHz (DDR3-800),64-bitbus:i.MX6DualLite CPU Card • 32MB16-bitparallelNORflash • NANDflashsocket • LVDSLCDoutput • HDMIdisplayjack • MIPICSIconnector • SDcardslot • High-SpeedUSB(OTG)interface,pin configurableasOTG,hostorslave • 1.5Gb/sSATAinterface(i.MX6Quadonly) • Ethernetdaughtercardconnectorforthe following support: Atheros Gigabit Ethernet PHY card (included in SABREAI kit) Broadcom® BroadR-Reach Ethernet PHY or switch card (ordered separately) • JTAGandUARTinterfaces • Capableofrunningstandaloneon common5Vpowersupply • 281cardedgeMXMconnectorforbase board connection SABRE for Automotive Infotainment Based on the i.MX 6 Series Base Board • SecondLVDSLCDoutput • Multi-channelaudiocodecandI/Oforup to eight channel outputs, one stereo line input and two microphone inputs • SPDIFreceiveinterface • I2C module connector • De-serializerinputforvideo/camerainput • TriplevideoDACwithanalogvideoinputs forvideo/camerainput • USBhostconnector • SiriusXM® radio module connector • Broadcasttunermoduleconnector • GPSmoduleconnector(UART) • MLB25/50INICinterface • Low-andhigh-speedCANinterfaces • Bluetoothmoduleconnector(I2S + UART) • SDcardslot(Wi-Fi® modules or data cards) • 12VDCpowersupply(powersbase board and CPU card when connected) SABRE for Automotive Infotainment Based on i.MX 6 Series |