Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZPSD301-B-15J Fiches technique(PDF) 61 Page - STMicroelectronics

No de pièce ZPSD301-B-15J
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-15J Fiches technique(HTML) 61 Page - STMicroelectronics

Back Button ZPSD301-B-15J Datasheet HTML 57Page - STMicroelectronics ZPSD301-B-15J Datasheet HTML 58Page - STMicroelectronics ZPSD301-B-15J Datasheet HTML 59Page - STMicroelectronics ZPSD301-B-15J Datasheet HTML 60Page - STMicroelectronics ZPSD301-B-15J Datasheet HTML 61Page - STMicroelectronics ZPSD301-B-15J Datasheet HTML 62Page - STMicroelectronics ZPSD301-B-15J Datasheet HTML 63Page - STMicroelectronics ZPSD301-B-15J Datasheet HTML 64Page - STMicroelectronics ZPSD301-B-15J Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 85 page
background image
PSD3XX Family
58
Figure 34. Timing of 16-Bit Non-Multiplexed Address/Data Bus Using R/W, E or R/W, DS
(PSD3X1)
CSI/A19
as CSI
1
32
7
15
32
32
14
6
6
4
35
32
READ CYCLE
WRITE CYCLE
STABLE INPUT
STABLE INPUT
A0/AD0-
A15/AD15
as A0-A15
STABLE INPUT
STABLE INPUT
Direct (1)
PAD Input
PC0-PC2,
CSI/A19 as
Multiplexed
Inputs
DATA
IN
Active Low
AS
Active High
AS
1
3
3
8
2
2
35
33
DATA VALID
14
10
9
PA0-PA7
(Low Byte)
DATA
IN
DATA VALID
17
16
PB0-PB7
(High Byte)
BHE/PSEN
as BHE
13
34
34
33
12
13
RD/E as E
as E
as E
as E
WR/VPP or
R/W as R/W
36
See referenced notes on page 64.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85