| Moteur de recherche de fiches techniques de composants électroniques |
|
ZPSD301-B-90LI Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301-B-90LI Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 85 page ![]() NOTES: 1. CSI is a power-down signal. When high, the PAD is in stand-by mode and all its outputs become non-active. See Tables 12 and 13. 2. RESET deselects all PAD output signals. See Tables 10 and 11. 3. A18, A17, and A16 are internally multiplexed with CS10, CS9, and CS8, respectively. Either A18 or CS10, A17 or CS9, and A16 or CS8 can be routed to the external pins of Port C. Port C pins can be configured as either input or output, individually. 4. P0–P3 are not included on 3X1 devices. 5. DS is not available on 3X1 devices. Figure 4. PAD Description ALE or AS WR or R/W A19 A18 A17 A16 A15 A14 A13 A12 A11 ES0 ES1 ES2 ES3 ES4 ES5 ES6 ES7 RS0 CSIOPORT CSADIN CSADOUT1 CSADOUT2 CS0/PB0 CS1/PB1 CS2/PB2 CS3/PB3 CS4/PB4 CS5/PB5 CS6/PB6 CS7/PB7 CS8/PC0 CS9/PC1 CS10/PC2 RD/E/DS 8 EPROM BLOCK SELECT LINES CSI RESET SRAM BLOCK SELECT * TRACK MODE CONTROL SIGNALS P0 P1 P2 P3 I/O BASE ADDRESS PAD B PAD A PSD3XX Family 13 *SRAM no available on “R” versions |