| Moteur de recherche de fiches techniques de composants électroniques |
|
ZPSD301-B-70L Fiches technique(PDF) 70 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301-B-70L Fiches technique(HTML) 70 Page - STMicroelectronics |
|
70 / 85 page ![]() PSD3XX Family 67 Figure 44. Drawing M1 – 44 Pin Plastic Quad Flatpack (PQFP) (Package Type M) OR Drawing U1 – 44 Pin Plastic Thin Quad Flatpack (TQFP) (Package Type U) 39 AD15/A15 38 AD14/A14 37 AD13/A13 36 AD12/A12 35 AD11/A11 34 GND 33 AD10/A10 32 AD9/A9 31 AD8/A8 30 AD7/A7 29 AD6/A6 PB4 7 PB3 8 PB2 9 PB1 10 PB0 11 GND 12 ALE or AS 13 PA7 14 PA6 15 PA5 16 PA4 17 PB4 PB3 PB2 PB1 PB0 GND ALE or AS PA7 PA6 PA5 PA4 AD15/A15 AD14/A14 AD13/A13 AD12/A12 AD11/A11 GND AD10/A10 AD9/A9 AD8/A8 AD7/A7 AD6/A6 1 2 3 4 5 6 7 8 9 10 11 33 32 31 30 29 28 27 26 25 24 23 (TOP VIEW) 20.0 Package Information Figure 43. Drawing J2 – 44 Pin Plastic Leaded Chip Carrier (PLDCC) without Window (Package Type J) OR Drawing L4 – 44 Pin Ceramic Leaded Chip Carrier (CLDCC) with Window (Package Type L) |