| Moteur de recherche de fiches techniques de composants électroniques |
|
ZPSD301-B-70J Fiches technique(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ZPSD301-B-70J Fiches technique(HTML) 61 Page - STMicroelectronics |
|
61 / 85 page ![]() PSD3XX Family 58 Figure 34. Timing of 16-Bit Non-Multiplexed Address/Data Bus Using R/W, E or R/W, DS (PSD3X1) CSI/A19 as CSI 1 32 7 15 32 32 14 6 6 4 35 32 READ CYCLE WRITE CYCLE STABLE INPUT STABLE INPUT A0/AD0- A15/AD15 as A0-A15 STABLE INPUT STABLE INPUT Direct (1) PAD Input PC0-PC2, CSI/A19 as Multiplexed Inputs DATA IN Active Low AS Active High AS 1 3 3 8 2 2 35 33 DATA VALID 14 10 9 PA0-PA7 (Low Byte) DATA IN DATA VALID 17 16 PB0-PB7 (High Byte) BHE/PSEN as BHE 13 34 34 33 12 13 RD/E as E as E as E as E WR/VPP or R/W as R/W 36 See referenced notes on page 64. |