| Moteur de recherche de fiches techniques de composants électroniques |
|
R3-PA16S/CE Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-PA16S/CE Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 6 page ![]() MODEL: R3-PA16 R3-PA16 SPECIFICATIONS ES-8389 Rev.12 Page 5/6 https://www.m-system.co.jp/ EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch] 1 11 12 13 14 15 16 17 18 19 20 2 3 4 5 6 7 8 9 10 27.5 [1.08] 109 [4.29] POSITIONING GUIDE TERMINAL COVER 20–M3 SCREW SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM INTERNAL POWER RUN LED ERR LED STATUS INDICATOR LED Input Circuit Numbers in italic indicate LED No.s assigned to the front panel LEDs. * For dual redundant communication. ** DO NOT use the terminals No. 9 and 19. Communication Circuit Control Circuit DIP SW 1 16 1 18 9 19 Pi 1 Pi 16 10 20 15 17 Pi 15 14 16 Pi 14 13 15 Pi 13 12 14 Pi 12 11 13 Pi 11 10 12 Pi 10 9 11 Pi 9 8 8 Pi 8 7 7 Pi 7 6 6 Pi 6 5 5 Pi 5 4 4 Pi 4 3 3 Pi 3 2 2 Pi 2 COM(+) 0V +24V ■ OPTION: /A Input Circuit 1 16 1 18 9 19 Pi 1 Pi 16 10 20 15 17 Pi 15 14 16 Pi 14 13 15 Pi 13 12 14 Pi 12 11 13 Pi 11 10 12 Pi 10 9 11 Pi 9 8 8 Pi 8 7 7 Pi 7 6 6 Pi 6 5 5 Pi 5 4 4 Pi 4 3 3 Pi 3 2 2 Pi 2 0V ■ OPTION: Blank ** INTERNAL BUS A INTERNAL BUS B * |