| Moteur de recherche de fiches techniques de composants électroniques |
|
R3-PD16CS Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-PD16CS Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 7 page ![]() MODEL: R3-PD16C R3-PD16C SPECIFICATIONS ES-8425 Rev.6 Page 4/7 https://www.m-system.co.jp/ ■ ON/OFF CONTROL OUTPUT MODE • Data Length: 16 bits Do 1 through 16 are assigned to Ch1 through 16. When I/O Mode is in Output Operation (SW2-7: ON), Output Complete Status is not indicated. Do WRITE ONE-SHOT OUTPUT/RESET Di OUTPUT COMPLETION STATUS Do 1 Do 2 0 0 Not Operating 1 0 Ch1 Output Di 1 Ch1 Output Completion Status 0 1 Ch2 Output Di 2 Ch2 Output Completion Status 1 1 Output Data Reset Do 3 Do 4 0 0 Not Operating 1 0 Ch3 Output Di 3 Ch3 Output Completion Status 0 1 Ch4 Output Di 4 Ch4 Output Completion Status 1 1 Output Data Reset Do 5 Do 6 0 0 Not Operating 1 0 Ch5 Output Di 5 Ch5 Output Completion Status 0 1 Ch6 Output Di 6 Ch6 Output Completion Status 1 1 Output Data Reset Do 7 Do 8 0 0 Not Operating 1 0 Ch7 Output Di 7 Ch7 Output Completion Status 0 1 Ch8 Output Di 8 Ch8 Output Completion Status 1 1 Output Data Reset Do 9 Do 10 0 0 Not Operating 1 0 Ch9 Output Di 9 Ch9 Output Completion Status 0 1 Ch10 Output Di 10 Ch10 Output Completion Status 1 1 Output Data Reset Do 11 Do 12 0 0 Not Operating 1 0 Ch11 Output Di 11 Ch11 Output Completion Status 0 1 Ch12 Output Di 12 Ch12 Output Completion Status 1 1 Output Data Reset Do 13 Do 14 0 0 Not Operating 1 0 Ch13 Output Di 13 Ch13 Output Completion Status 0 1 Ch14 Output Di 14 Ch14 Output Completion Status 1 1 Output Data Reset Do 15 Do 16 0 0 Not Operating 1 0 Ch15 Output Di 15 Ch15 Output Completion Status 0 1 Ch16 Output Di 16 Ch16 Output Completion Status 1 1 Output Data Reset The above table shows the case of Not Swapped (SW2-8: OFF). ON/OFF control output is swapped with its pair when SW2- 8 is ON. The following is an example of Do1 and Do2. Do WRITE ONE-SHOT OUTPUT/RESET Di OUTPUT COMPLETION STATUS Do 1 Do 2 0 0 Not Operating 1 0 Ch2 Output Di 2 Ch2 Output Completion Status 0 1 Ch1 Output Di 1 Ch1 Output Completion Status 1 1 Output Data Reset |