| Moteur de recherche de fiches techniques de composants électroniques |
|
R3S-RR8S/Q Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3S-RR8S/Q Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 5 page ![]() MODEL: R3S-RR8 R3S-RR8 SPECIFICATIONS ES-8934 Rev.3 Page 5/5 http://www.m-system.co.jp/ ■ INPUT DATA BIT: 16 BITS (SW3-3: ON) When output data bit is 16 bits, display the status of feedback input for each output with 2 bits. The table below shows data allocation. BIT DISPLAY OPERATION 0 0 Feedback input for output 1 OFF 1 Feedback input for output 1 ON 1 - Reserved 2 0 Feedback input for output 2 OFF 1 Feedback input for output 2 ON 3 - Reserved 4 0 Feedback input for output 3 OFF 1 Feedback input for output 3 ON 5 - Reserved 6 0 Feedback input for output 4 OFF 1 Feedback input for output 4 ON 7 - Reserved 8 0 Feedback input for output 5 OFF 1 Feedback input for output 5 ON 9 - Reserved 10 0 Feedback input for output 6 OFF 1 Feedback input for output 6 ON 11 - Reserved 12 0 Feedback input for output 7 OFF 1 Feedback input for output 7 ON 13 - Reserved 14 0 Feedback input for output 8 OFF 1 Feedback input for output 8 ON 15 - Reserved ■ INPUT DATA BIT: 8 BITS (SW3-3: OFF) When output data bit is 8 bits, display the status of feedback input for each output with 1 bit. The table below shows data allocation. BIT DISPLAY OPERATION 0 0 Feedback input for output 1 OFF 1 Feedback input for output 1 ON 1 0 Feedback input for output 2 OFF 1 Feedback input for output 2 ON 2 0 Feedback input for output 3 OFF 1 Feedback input for output 3 ON 3 0 Feedback input for output 4 OFF 1 Feedback input for output 4 ON 4 0 Feedback input for output 5 OFF 1 Feedback input for output 5 ON 5 0 Feedback input for output 6 OFF 1 Feedback input for output 6 ON 6 0 Feedback input for output 7 OFF 1 Feedback input for output 7 ON 7 0 Feedback input for output 8 OFF 1 Feedback input for output 8 ON 8 - Unused 9 - Unused 10 - Unused 11 - Unused 12 - Unused 13 - Unused 14 - Unused 15 - Unused Specifications are subject to change without notice. |