Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD301-B-70M Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce PSD301-B-70M
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD301-B-70M Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button PSD301-B-70M Datasheet HTML 12Page - STMicroelectronics PSD301-B-70M Datasheet HTML 13Page - STMicroelectronics PSD301-B-70M Datasheet HTML 14Page - STMicroelectronics PSD301-B-70M Datasheet HTML 15Page - STMicroelectronics PSD301-B-70M Datasheet HTML 16Page - STMicroelectronics PSD301-B-70M Datasheet HTML 17Page - STMicroelectronics PSD301-B-70M Datasheet HTML 18Page - STMicroelectronics PSD301-B-70M Datasheet HTML 19Page - STMicroelectronics PSD301-B-70M Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 85 page
background image
NOTES: 1. CSI is a power-down signal. When high, the PAD is in stand-by mode and all its outputs
become non-active. See Tables 12 and 13.
2. RESET deselects all PAD output signals. See Tables 10 and 11.
3. A18, A17, and A16 are internally multiplexed with CS10, CS9, and CS8, respectively.
Either A18 or CS10, A17 or CS9, and A16 or CS8 can be routed to the external pins of
Port C. Port C pins can be configured as either input or output, individually.
4. P0–P3 are not included on 3X1 devices.
5. DS is not available on 3X1 devices.
Figure 4.
PAD Description
ALE or AS
WR or R/W
A19
A18
A17
A16
A15
A14
A13
A12
A11
ES0
ES1
ES2
ES3
ES4
ES5
ES6
ES7
RS0
CSIOPORT
CSADIN
CSADOUT1
CSADOUT2
CS0/PB0
CS1/PB1
CS2/PB2
CS3/PB3
CS4/PB4
CS5/PB5
CS6/PB6
CS7/PB7
CS8/PC0
CS9/PC1
CS10/PC2
RD/E/DS
8 EPROM BLOCK
SELECT LINES
CSI
RESET
SRAM BLOCK SELECT
*
TRACK MODE
CONTROL SIGNALS
P0
P1
P2
P3
I/O BASE ADDRESS
PAD
B
PAD
A
PSD3XX Family
13
*SRAM no available on “R” versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85