Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC533 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce MPC533
Description  NEXUS Debugger and Trace for PowerPC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MPC533 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  MPC533 Datasheet HTML 1Page - List of Unclassifed Manufacturers MPC533 Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC533 Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC533 Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC533 Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC533 Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC533 Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC533 Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC533 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
NEXUS-PPC
Hardware Concept
TRACE32 - Technical Information
3
PowerTrace
J Universal debugger hardware for
all architectures
J Ethernet or USB interface
included
J Program and data flow trace for
NEXUS up to 100MHz
J 16 MFrame trace memory
J 96 channels
J 32 bit time stamp, 20 ns
resolution
CPU specific NEXUS Adapter
Host
(PC or Workstation)
Target
NEXUS connector
Power
Trace
NEXUS Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23