Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC7122 Fiches technique(PDF) 14 Page - Microchip Technology

No de pièce MIC7122
Description  Rail-to-Rail Dual Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7122 Fiches technique(HTML) 14 Page - Microchip Technology

Back Button MIC7122 Datasheet HTML 10Page - Microchip Technology MIC7122 Datasheet HTML 11Page - Microchip Technology MIC7122 Datasheet HTML 12Page - Microchip Technology MIC7122 Datasheet HTML 13Page - Microchip Technology MIC7122 Datasheet HTML 14Page - Microchip Technology MIC7122 Datasheet HTML 15Page - Microchip Technology MIC7122 Datasheet HTML 16Page - Microchip Technology MIC7122 Datasheet HTML 17Page - Microchip Technology MIC7122 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
MIC7122
DS20006290A-page 14
 2020 Microchip Technology Inc.
4.0
PACKAGE MARKING INFORMATION
4.1
Package Marking Information
Example
8-Lead MSOP*
(FRONT)
XXXX
XXX
7122
YMM
Example
8-Lead MSOP*
(BACK)
WNNN
2505
Legend: XX...X
Product code or customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle
mark).
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
Underbar (_) and/or Overbar (‾) symbol may not be to scale.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22