| Moteur de recherche de fiches techniques de composants électroniques |
|
MIC863 Fiches technique(PDF) 19 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC863 Fiches technique(HTML) 19 Page - Microchip Technology |
|
19 / 26 page ![]() 2020 Microchip Technology Inc. DS20006308A-page 19 MIC863 5.0 PACKAGING INFORMATION 5.1 Package Marking Information Example 8-Lead SOT-23* XXX A35 (Front) Example 8-Lead SOT-23* NNN 831 (Back) Legend: XX...X Product code or customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. ●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle mark). Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. Package may or may not include the corporate logo. Underbar (_) and/or Overbar (‾) symbol may not be to scale. 3 e 3 e |