Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIC862 Fiches technique(PDF) 15 Page - Microchip Technology

No de pièce MIC862
Description  Dual Ultra-Low Power Op Amp in SOT-23-8
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC862 Fiches technique(HTML) 15 Page - Microchip Technology

Back Button MIC862 Datasheet HTML 11Page - Microchip Technology MIC862 Datasheet HTML 12Page - Microchip Technology MIC862 Datasheet HTML 13Page - Microchip Technology MIC862 Datasheet HTML 14Page - Microchip Technology MIC862 Datasheet HTML 15Page - Microchip Technology MIC862 Datasheet HTML 16Page - Microchip Technology MIC862 Datasheet HTML 17Page - Microchip Technology MIC862 Datasheet HTML 18Page - Microchip Technology MIC862 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
 2017 Microchip Technology Inc.
DS20005836A-page 15
MIC862
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Description
1
OUTA
Amplifier A Output.
2
INA–
Amplifier A Inverting Input.
3
INA+
Amplifier A Non-Inverting Input
4
V–
Negative Supply.
5
INB+
Amplifier B Non-Inverting Input.
6
INB–
Amplifier B Inverting Input.
7
OUTB
Amplifier B Output.
8
V+
Positive Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24