| Moteur de recherche de fiches techniques de composants électroniques |
|
TUSB217AI Fiches technique(PDF) 30 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB217AI Fiches technique(HTML) 30 Page - Texas Instruments |
|
30 / 31 page ![]() 13.1 Package Option Addendum Packaging Information Orderable Device Status(1) Package Type Package Drawing Pins Package Qty Eco Plan(2) Lead/Ball Finish(6) MSL Peak Temp(3) Op Temp (°C) Device Marking(4) (5) TUSB217ARWBR PREVIEW X2QFN RWB 12 3000 Green (RoHS & no Sb/Br) NIPDAU Level-2-260 C-1 YEAR 0 to 70 7A TUSB217ARWBT PREVIEW X2QFN RWB 12 250 Green (RoHS & no Sb/Br) NIPDAU Level-2-260 C-1 YEAR 0 to 70 7A TUSB217AIRWBR PREVIEW X2QFN RWB 12 3000 Green (RoHS & no Sb/Br) NIPDAU Level-2-260 C-1 YEAR -40 to 85 7A TUSB217AIRWBT PREVIEW X2QFN RWB 12 250 Green (RoHS & no Sb/Br) NIPDAU Level-2-260 C-1 YEAR -40 to 85 7A TUSB217A SLLSFK5 – JUNE 2021 www.ti.com 30 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: TUSB217A |