Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R3-MS4W/Q Fiches technique(PDF) 4 Page - M-System Co.,Ltd.

No de pièce R3-MS4W/Q
Description  Remote I/O R3 Series POTENTIOMETER INPUT MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R3-MS4W/Q Fiches technique(HTML) 4 Page - M-System Co.,Ltd.

  R3-MS4W/Q Datasheet HTML 1Page - M-System Co.,Ltd. R3-MS4W/Q Datasheet HTML 2Page - M-System Co.,Ltd. R3-MS4W/Q Datasheet HTML 3Page - M-System Co.,Ltd. R3-MS4W/Q Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: R3-MS4
R3-MS4 SPECIFICATIONS
ES-8401 Rev.8 Page 4/4
https://www.m-system.co.jp/
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
1
2
INTERNAL POWER
Control
Circuit
Communication
Circuit
15
20
DIP SW
RUN LED ERR LED
11
10
5
1
Input Circuit
* For dual redundant communication.
INPUT 1
+
–
3
2
1
POTENTIOMETER
max.
min.
Excitation
Generator
1
4
14
13
3
Input Circuit
INPUT 2
+
–
3
2
1
POTENTIOMETER
max.
min.
Excitation
Generator
1
7
17
16
6
Input Circuit
INPUT 3
+
–
3
2
1
POTENTIOMETER
max.
min.
Excitation
Generator
1
9
19
18
8
Input Circuit
INPUT 4
+
–
3
2
1
POTENTIOMETER
max.
min.
Excitation
Generator
• Unused Input Channels
Close across the unused input terminals as shown below.
The input will become unstable if unused channels are left
open.
Unused channels can be specified and set so on the PC
Configurator Software (model: R3CON) without needing to
short at the field terminals.
1
11
INPUT 1
3
13
INPUT 2
6
16
INPUT 3
8
2
4
7
9
18
12
14
17
19
INPUT 4
SHORT
INTERNAL BUS A
INTERNAL BUS B *
12
Specifications are subject to change without notice.



Html Pages

1 2 3 4