| Moteur de recherche de fiches techniques de composants électroniques |
|
R3-NF3-R Fiches technique(PDF) 7 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-NF3-R Fiches technique(HTML) 7 Page - M-System Co.,Ltd. |
|
7 / 7 page ![]() MODEL: R3-NF3 R3-NF3 SPECIFICATIONS ES-8288 Rev.2 Page 7/7 http://www.m-system.co.jp/ SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM INTERNAL POWER INTERNAL BUS DIP SW CONFIGURATION JACK Control Circuit Communication Circuit JACK * When the module is at an end of the transmission line via twisted-pair calbe (= when there is no cross wiring), close across the RT+ and RT– terminals with the jumper included in the product package. Remove the jumper for all other locations. **Not provided with ‘No Power Supply’ type module. Caution: FG terminal is NOT a protective conductor terminal. 1 4 RUN + RUN – RUN CONTACT OUTPUT 2 3 6 U (+) V (–) FG POWER INPUT 5 ** ** ** LED Rotary SW RT+ RT– SD T2 T1 To Other T-Link Devices Isolation Term. Resist. – + Shielded Twisted-pair Cable Close to terminate.* Specifications are subject to change without notice. |