| Moteur de recherche de fiches techniques de composants électroniques |
|
OBG5000-R100-E5F-IO Fiches technique(PDF) 1 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
OBG5000-R100-E5F-IO Fiches technique(HTML) 1 Page - Pepperl+Fuchs Inc. |
|
1 / 6 page ![]() Retroreflective sensor (glass) OBG5000-R100-E5F-IO < Miniature design with versatile mounting options < Detects transparent objects, i.e., clear glass, PET and transparent films < Two machines in one: clear object detection or reflection operating mode with long range < High degree of protection IP69K < IO-link interface for service and process data Retroreflective sensor with polarization filter for clear object detection Function The R100 series miniature optical sensors are the first devices of their kind to offer an endto- end solution in a small single standard design — from thru-beam sensor through to a distance measurement device. As a result of this design, the sensors are able to perform practically all standard automation tasks. The entire series enables sensors to communicate via IO-Link. The DuraBeam laser sensors are durable and can be used in the same way as a standard sensor. The use of Multi Pixel Technology gives the standard sensors a high level of flexibility and enables them to adapt more effectively to their operating environment. 1 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com |
Numéro de pièce similaire - OBG5000-R100-E5F-IO |
|
Description similaire - OBG5000-R100-E5F-IO |