| Moteur de recherche de fiches techniques de composants électroniques |
|
R3-GE1S/Q Fiches technique(PDF) 5 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-GE1S/Q Fiches technique(HTML) 5 Page - M-System Co.,Ltd. |
|
5 / 8 page ![]() MODEL: R3-GE1 R3-GE1 SPECIFICATIONS ES-8464 Rev.10 Page 5/8 https://www.m-system.co.jp/ MODBUS I/O ASSIGNMENT ADDRESS DATA TYPE DATA MODULE POSITION Input (1X) 1025 – 1032 Module Status Input Registers (3X) 1 – 16 I Analog Input 1 17 – 32 2 33 – 48 3 49 – 64 4 65 – 80 5 81 – 96 6 97 – 112 7 113 – 128 8 257 – 288 F Analog Input 1 289 – 320 2 321 – 352 3 353 – 384 4 385 – 416 5 417 – 448 6 449 – 480 7 481 – 512 8 Holding Registers (4X) 1 – 16 I Analog Output 1 17 – 32 2 33 – 48 3 49 – 64 4 65 – 80 5 81 – 96 6 97 – 112 7 113 – 128 8 257 – 288 F Analog Output 1 289 – 320 2 321 – 352 3 353 – 384 4 385 – 416 5 417 – 448 6 449 – 480 7 481 – 512 8 ■ DATA TYPE I: Integer, 0 – 10000 (0 – 100%) F: Floating (32-bit data cannot be accessed via oating addresses.) Note: DO NOT access addresses other than the ones mentioned above. Such access may cause problems such as malfunction. • Module Status Module Status indicates whether individual I/O module is mounted or not. The bit corresponding to the mounted slot turns to “1,” and the unmounted slot to “0.” |