| Moteur de recherche de fiches techniques de composants électroniques |
|
R3-DC16AS Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R3-DC16AS Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 4 page ![]() MODEL: R3-DC16A R3-DC16A SPECIFICATIONS ES-8378 Rev.10 Page 2/4 https://www.m-system.co.jp/ STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive FUNCTIONS ■OUTPUT HOLD or OUTPUT OFF In normal conditions, the module outputs the signal from the preferred bus A. When an error is detected, the output is switched to the data from the bus B. • Output Hold If both are in error, the module holds the signal and stands by until one of the communications recovers. • Output OFF If both are in error, the module outputs OFF signals and stands by until one of the communications recovers. At the startup, it outputs OFF until the communication is established and normal data is received. EXTERNAL VIEW RUN LED 1 11 12 13 14 15 16 17 18 19 20 2 3 4 5 6 7 8 9 10 ERR LED Output Status Indicator LEDs 9 10 11 12 13 14 15 16 1 2 3 4 5 6 7 8 ■ FRONT VIEW ■ SIDE VIEW SW3 ON 4 3 2 1 Output Hold |