| Moteur de recherche de fiches techniques de composants électroniques |
|
R1C-GH2T-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R1C-GH2T-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 5 page ![]() MODEL: R1C-GH R1C-GH SPECIFICATIONS ES-5956 Rev.12 Page 4/5 http://www.m-system.co.jp/ CONNECTION DIAGRAM SLD FG DG DB DA T8 JACK T7 T6 Comm. Circuit Note 1: This device is not designed to cancel noise included in the input signals. Be careful to eliminate such noise by using shielded cables. Note 2: Be sure to maintain the same potential at all the common negative terminals for DC input. Note 3: CC-Link version selector input is valid only at the moment of the power turned on. Firmware version 0B.00 or higher. Use the R1X Configurator Software (model: R1CON) or consult M-System to confirm the firmware version. Caution: FG1 terminal is NOT a protective conductor terminal. 9 8 7 6 5 4 3 2 1 10 12 11 13 15 14 16 17 18 20 19 21 22 23 24 25 27 26 28 29 30 31 32 33 35 34 36 T/C INPUT – + DC INPUT INPUT 1 INPUT 2 INPUT 3 INPUT 4 INPUT 5 INPUT 6 INPUT 7 INPUT 8 INPUT 9 INPUT 10 INPUT 11 INPUT 12 INPUT 13 INPUT 14 INPUT 15 INPUT 16 CJC Sensor + ext. wire – + – + – + – + – + – + – + – + – + – + – + – + – + – + – + – + – Power Circuit Input Circuit To Other CC-Link Devices FG1 U (+) V (–) POWER CONFIGURATOR CC-Link VERSION SELECTOR INPUT + – |