Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R1M-DT-R Fiches technique(PDF) 4 Page - M-System Co.,Ltd.

No de pièce R1M-DT-R
Description  Remote I/O R1M Series CONTACT OUTPUT MODULE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R1M-DT-R Fiches technique(HTML) 4 Page - M-System Co.,Ltd.

  R1M-DT-R Datasheet HTML 1Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 2Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 3Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 4Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 5Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 6Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 7Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 8Page - M-System Co.,Ltd. R1M-DT-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MODEL: R1M-D1
R1M-D1 SPECIFICATIONS
ES-5659 Rev.12 Page 4/10
https://www.m-system.co.jp/
CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
RS-232-C
T3
T4
T2
T1
T7
T6
T5
Term.
Resist.
Input
Circuit
When the device is located at the end of a transmission line via twisted-pair cable,
(when there is no cross-wiring), close across the terminal T2 – T3 with the attached
jumper pin (or with a leadwire).
When the device is not at the end, remove the jumper pin.
*
Power
Circuit
+
–
Shielded Twisted-pair Cable
To Other
I/O Modules
Jumper*
FG
U (+)
V (–)
POWER
9
8
7
6
5
4
3
2
1
10
12
11
13
15
14
16
17
18
20
19
21
22
23
24
25
27
26
28
29
30
31
32
33
35
34
36
ch.1
ch.2
ch.3
ch.4
ch.5
ch.6
ch.7
ch.8
COM (–)
ch.9
ch.10
ch.11
ch.12
ch.13
ch.14
ch.15
ch.16
COM (–)
ch.17
ch.18
ch.19
ch.20
ch.21
ch.22
ch.23
ch.24
COM (–)
ch.25
ch.26
ch.27
ch.28
ch.29
ch.30
ch.31
ch.32
COM (–)
Output
Circuit
Output
Circuit
A9
A8
A7
A6
A5
A4
A3
A2
A1
A10
A12
A11
A13
A15
A14
A16
B1
:
B16
ch.1
ch.2
ch.3
ch.4
ch.5
ch.6
ch.7
ch.8
ch.9
ch.10
ch.11
ch.12
ch.13
ch.14
ch.15
ch.16
COM (–)
A9
A8
A7
A6
A5
A4
A3
A2
A1
A10
A12
A11
A13
A15
A14
A16
ch.17
CN1
ch.18
ch.19
ch.20
ch.21
ch.22
ch.23
ch.24
ch.25
ch.26
ch.27
ch.28
ch.29
ch.30
ch.31
ch.32
■ FCN TYPE CONNECTOR
■ M3 SCREW TERMINALS
CN2
B1
:
B16
COM (–)



Html Pages

1 2 3 4 5 6 7 8 9 10