Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VSC8184 Fiches technique(PDF) 2 Page - Vitesse Semiconductor Corporation

No de pièce VSC8184
Description  11.5-12.5Gb/s 1:16 Demultiplexer with Clock Recovery
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VITESSE [Vitesse Semiconductor Corporation]
Site Internet  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8184 Fiches technique(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8184 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8184 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE or
sales@vitesse.com
© Copyright 2000 Vitesse Semiconductor Corporation
and the Vitesse logo are all registered trademarks
of Vitesse Semiconductor Corp;oration
www.vitesse.com
Product Brief
11.5-12.5Gb/s 1:16 Demultiplexer with Clock Recov
ery
VSC8184
Physical
Layer
Products
VSC8184 Block Diagram
Benefits:
Provides High-speed Integrated
Clock and Data Recovery from
11.5 to 12.5Gb/s
Provides Lowest Power Solution
in its Performance Class
Pin-compatible Path to 9.9-
10.7Gb/s Product (VSC8174)
Thermal Expansion of TBGA
Package is Matched to the PC
Board for High Reliability
Data Polarity Invert and Bit
Order Swap for Ease of Layout
Loss-of-Lock and No Reference
Clock to Assist in Monitoring
Device Operation
Parity Bit Calculation
Integrated Clock and Data
Recovery
Applications:
Advanced Forward Error
Correction (FEC)
Return-to-Zero Transmission
Applications
Re-Timing Laser Drivers
Ultra-Long Haul Systems
SONET/SDH Networking
DWDM Systems
Telecommunications Transmis-
sion Systems
Test Equipment
REFCK-
REFSEL[0:1]
RECOVERY
CLOCK
DATA-
DATA+
DETECT
LOCK
LOSS
OF
TIMING
GENERATOR
OFF+
OFF-
NOREFN
1:16
D0-
D0+
D1+
D1-
D15+
D15-
CK16A-
CK16A+
PARITY-
PARITY+
CK16B+
CK16B-
LOLN
BITORDER
DINVERT
D14-
D14+
PLL
RESETN
INHIBITN
LCKREFN
REFCK+
REFTERM
VTERM



Html Pages

1 2