Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VLM350-F280-R4-1002 Fiches technique(PDF) 5 Page - Pepperl+Fuchs Inc.

No de pièce VLM350-F280-R4-1002
Description  Laser light sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PF [Pepperl+Fuchs Inc.]
Site Internet  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

VLM350-F280-R4-1002 Fiches technique(HTML) 5 Page - Pepperl+Fuchs Inc.

  VLM350-F280-R4-1002 Datasheet HTML 1Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1002 Datasheet HTML 2Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1002 Datasheet HTML 3Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1002 Datasheet HTML 4Page - Pepperl+Fuchs Inc. VLM350-F280-R4-1002 Datasheet HTML 5Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VLM350-F280-R4-1002
5
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
Laser light sensor
Measuring range
LASERLICHT
LASER LIGHT
LASER KLASSE 1
CLASS 1 LASER PRODUCT
Laser Class 1 Information
The irradiation can lead to irritation especially in a dark environment. Do not point at people!
Maintenance and repairs should only be carried out by authorized service personnel!
Attach the device so that the warning is clearly visible and readable.
The warning accompanies the device and should be attached in immediate proximity to the device.
Caution – Use of controls or adjustments or performance of procedures other than those specified herein may result in hazardous
radiation exposure.
Installation Conditions
Safety Information
Safety Information
Start
measuring range
Measuring
range Z
Sensing range



Html Pages

1 2 3 4 5