Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL082ACDR Fiches technique(PDF) 46 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL082ACDR
Description  TL08xx FET-Input Operational Amplifiers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL082ACDR Fiches technique(HTML) 46 Page - Texas Instruments

Back Button TL082ACDR Datasheet HTML 42Page - Texas Instruments TL082ACDR Datasheet HTML 43Page - Texas Instruments TL082ACDR Datasheet HTML 44Page - Texas Instruments TL082ACDR Datasheet HTML 45Page - Texas Instruments TL082ACDR Datasheet HTML 46Page - Texas Instruments TL082ACDR Datasheet HTML 47Page - Texas Instruments TL082ACDR Datasheet HTML 48Page - Texas Instruments TL082ACDR Datasheet HTML 49Page - Texas Instruments TL082ACDR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 70 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL081BCDR
SOIC
D
8
2500
340.5
336.1
25.0
TL081CDR
SOIC
D
8
2500
340.5
336.1
25.0
TL081CPSR
SO
PS
8
2000
853.0
449.0
35.0
TL081IDR
SOIC
D
8
2500
340.5
336.1
25.0
TL082ACDR
SOIC
D
8
2500
340.5
336.1
25.0
TL082ACDR
SOIC
D
8
2500
853.0
449.0
35.0
TL082ACPSR
SO
PS
8
2000
853.0
449.0
35.0
TL082BCDR
SOIC
D
8
2500
340.5
336.1
25.0
TL082CDR
SOIC
D
8
2500
853.0
449.0
35.0
TL082CDR
SOIC
D
8
2500
340.5
336.1
25.0
TL082CPSR
SO
PS
8
2000
853.0
449.0
35.0
TL082CPWR
TSSOP
PW
8
2000
853.0
449.0
35.0
TL082HIDDFR
SOT-23-THIN
DDF
8
3000
210.0
185.0
35.0
TL082HIDR
SOIC
D
8
3000
853.0
449.0
35.0
TL082HIPWR
TSSOP
PW
8
3000
853.0
449.0
35.0
TL082IDR
SOIC
D
8
2500
340.5
336.1
25.0
TL082IDR
SOIC
D
8
2500
853.0
449.0
35.0
TL082IPWR
TSSOP
PW
8
2000
853.0
449.0
35.0
TL084ACDR
SOIC
D
14
2500
340.5
336.1
32.0
TL084ACDR
SOIC
D
14
2500
853.0
449.0
35.0
TL084ACNSR
SO
NS
14
2000
853.0
449.0
35.0
TL084BCDR
SOIC
D
14
2500
340.5
336.1
32.0
TL084CDR
SOIC
D
14
2500
340.5
336.1
32.0
TL084CDR
SOIC
D
14
2500
853.0
449.0
35.0
TL084CDRG4
SOIC
D
14
2500
340.5
336.1
32.0
TL084CNSR
SO
NS
14
2000
853.0
449.0
35.0
TL084CPWR
TSSOP
PW
14
2000
853.0
449.0
35.0
TL084HIDR
SOIC
D
14
2500
853.0
449.0
35.0
TL084HIPWR
TSSOP
PW
14
2000
853.0
449.0
35.0
TL084IDR
SOIC
D
14
2500
340.5
336.1
32.0
TL084QDR
SOIC
D
14
2500
350.0
350.0
43.0
TL084QDRG4
SOIC
D
14
2500
350.0
350.0
43.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Jul-2021
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70