| Moteur de recherche de fiches techniques de composants électroniques |
|
AM6528BACDXEA Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6528BACDXEA Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 282 page ![]() – Support for takeover protection, IP protection, and anti-roll back protection • Cryptographic acceleration supported – Session-aware cryptographic engine with ability to auto-switch key-material based on incoming data stream – Supports cryptographic cores • AES – 128/192/256 bits key sizes • 3DES – 56/112/168 bits key sizes • MD5, SHA1 • SHA2 – 224/256/384/512 • DRBG with true random number generator • PKA (public key accelerator) to assist in RSA/ECC processing – DMA support • Debugging security – Secure software-controlled debug access – Security aware debugging • Trusted Execution Environment (TEE) supported – Arm® TrustZone® based TEE – Extensive firewall support for isolation – Secure DMA path and interconnect – Secure watchdog/timer/IPC • Secure storage support • On-the-fly encryption and authentication support for OSPI interface • Networking security support for data (payload) encryption/authentication via packet based hardware cryptographic engine • Security coprocessor (DMSC) for key and security management, with dedicated device level interconnect for security software SoC services: • Device Management Security Controller (DMSC) – Centralized SoC system controller – Manages system services including initial boot, security, functional safety and clock/reset/power management – Power management controller for active and low power modes – Communication with various processing units over message manager – Simplified interface for optimizing unused peripherals – Tracing and debugging capability • Sixteen 32-bit general-purpose timers • Two data movement and control Navigator Subsystems (NAVSS) – Ring Accelerator (RA) – Unified DMA (UDMA) – Up to 2 Timer Managers (TM) (1024 timers each) Multimedia: • Display subsystem – Two fully input-mapped overlay managers associated with two display outputs – One port MIPI® DPI parallel interface – One port OLDI • PowerVR® SGX544-MP1 3D Graphics Processing Unit (GPU) • One Camera Serial Interface-2 (MIPI CSI-2) • One port video capture: BT.656/1120 (no embedded sync) High-speed interfaces: • One Gigabit Ethernet (CPSW) interface supporting – RMII (10/100) or RGMII (10/100/1000) – IEEE1588 (2008 Annex D, Annex E, Annex F) with 802.1AS PTP – Audio/video bridging (P802.1Qav/D6.0) – Energy-efficient Ethernet (802.3az) – Jumbo frames (2024 bytes) – Clause 45 MDIO PHY management • Two PCI-Express® ( PCIe®) revision 3.1 subsystems (2) – Supports Gen2 (5.0GT/s) operation – Two independent 1-lane, or a single 2-lane port – Support for concurrent root-complex and end- point operation • USB 3.1 Dual-Role Device (DRD) subsystem (2) – One enhanced SuperSpeed Gen1 port – One USB 2.0 port – Each port independently configurable as USB host, USB peripheral, or USB DRD General connectivity: • 6× Inter-Integrated Circuit ( I2C™) ports • 5× configurable UART/IrDA/CIR modules • Two simultaneous flash interfaces configured as – Two OSPI flash interfaces – or HyperBus™ and OSPI1 flash interface • 2× 12-bit Analog-to-Digital Converters (ADC) – Up to 4 Msamples/s – Eight multiplexed analog inputs • 8× Multichannel Serial Peripheral Interfaces (MCSPI) controllers – Two with internal connections – Six with external interfaces • General-Purpose I/O (GPIO) pins Control interfaces: • 6× Enhanced High-Resolution Pulse-Width Modulator (EHRPWM) modules • One Enhanced Capture (ECAP) module • 3× Enhanced Quadrature Encoder Pulse (EQEP) modules AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 2 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6526 |