| Moteur de recherche de fiches techniques de composants électroniques |
|
AM652X Fiches technique(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM652X Fiches technique(HTML) 76 Page - Texas Instruments |
|
76 / 282 page ![]() 6.3.10.2 WKUP Domain Table 6-26. GPIO0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_GPIO0_0 General Purpose Input/Output IO AF4 WKUP_GPIO0_1 General Purpose Input/Output IO AF3 WKUP_GPIO0_2 General Purpose Input/Output IO AE3 WKUP_GPIO0_3 General Purpose Input/Output IO AD1 WKUP_GPIO0_4 General Purpose Input/Output IO AC3 WKUP_GPIO0_5 General Purpose Input/Output IO AD3 WKUP_GPIO0_6 General Purpose Input/Output IO AC2 WKUP_GPIO0_7 General Purpose Input/Output IO AC1 WKUP_GPIO0_8 General Purpose Input/Output IO AC5 WKUP_GPIO0_9 General Purpose Input/Output IO AB4 WKUP_GPIO0_10 General Purpose Input/Output IO AB3 WKUP_GPIO0_11 General Purpose Input/Output IO AB2 WKUP_GPIO0_12 General Purpose Input/Output IO V1 WKUP_GPIO0_13 General Purpose Input/Output IO U1 WKUP_GPIO0_14 General Purpose Input/Output IO U2 WKUP_GPIO0_15 General Purpose Input/Output IO U4 WKUP_GPIO0_16 General Purpose Input/Output IO U5 WKUP_GPIO0_17 General Purpose Input/Output IO T2 WKUP_GPIO0_18 General Purpose Input/Output IO T3 WKUP_GPIO0_19 General Purpose Input/Output IO T4 WKUP_GPIO0_20 General Purpose Input/Output IO T5 WKUP_GPIO0_21 General Purpose Input/Output IO R2 WKUP_GPIO0_22 General Purpose Input/Output IO R3 WKUP_GPIO0_23 General Purpose Input/Output IO R4 WKUP_GPIO0_24 General Purpose Input/Output IO R5 WKUP_GPIO0_25 General Purpose Input/Output IO T1 WKUP_GPIO0_26 General Purpose Input/Output IO R1 WKUP_GPIO0_27 General Purpose Input/Output IO P2 WKUP_GPIO0_28 General Purpose Input/Output IO P3 WKUP_GPIO0_29 General Purpose Input/Output IO P4 WKUP_GPIO0_30 General Purpose Input/Output IO P5 WKUP_GPIO0_31 General Purpose Input/Output IO P1 WKUP_GPIO0_32 General Purpose Input/Output IO N2 WKUP_GPIO0_33 General Purpose Input/Output IO N3 WKUP_GPIO0_34 General Purpose Input/Output IO N4 WKUP_GPIO0_35 General Purpose Input/Output IO N5 WKUP_GPIO0_36 General Purpose Input/Output IO M2 WKUP_GPIO0_37 General Purpose Input/Output IO M3 WKUP_GPIO0_38 General Purpose Input/Output IO M4 WKUP_GPIO0_39 General Purpose Input/Output IO M5 WKUP_GPIO0_40 General Purpose Input/Output IO N1 WKUP_GPIO0_41 General Purpose Input/Output IO M1 WKUP_GPIO0_42 General Purpose Input/Output IO L2 AM6548, AM6528, AM6526 SPRSP52B – DECEMBER 2019 – REVISED JUNE 2021 www.ti.com 76 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: AM6548 AM6528 AM6526 |