Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMC1702 Fiches technique(PDF) 55 Page - Microchip Technology

No de pièce EMC1702
Description  High-Side Current-Sense and Dual 1째C Temperature Monitor
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1702 Fiches technique(HTML) 55 Page - Microchip Technology

Back Button EMC1702 Datasheet HTML 51Page - Microchip Technology EMC1702 Datasheet HTML 52Page - Microchip Technology EMC1702 Datasheet HTML 53Page - Microchip Technology EMC1702 Datasheet HTML 54Page - Microchip Technology EMC1702 Datasheet HTML 55Page - Microchip Technology EMC1702 Datasheet HTML 56Page - Microchip Technology EMC1702 Datasheet HTML 57Page - Microchip Technology EMC1702 Datasheet HTML 58Page - Microchip Technology EMC1702 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
EMC1702
2020 Microchip Technology Inc.
55
DS20006455A
6.2
EMC1702 Package Markings
Figure 6.4 EMC1702 Package Markings
BOTTOM
BOTTOM MARKING NOT ALLOWED
LINE: 1 – SMSC Logo without circled (R) symbol
LINE: 2 – Device Number - Version
LINE: 3 –٪Last 7 digits of Lot Number
LINE: 4 – Revision and Country Code (RCC)
LINES 1 to 3: CENTER HORIZONTAL ALIGNMENT
LINE 4: LEFT HORIZONTAL ALIGNMENT
PB-FREE/GREEN SYMBOL
(Matte Sn)
0.41
3x 0.56
TOP
e3
PIN 1
17 02
CC
R
12 3 4 56 a
- 1
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60