Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R30BS08/Q Fiches technique(PDF) 1 Page - M-System Co.,Ltd.

No de pièce R30BS08/Q
Description  Remote I/O R30 Series INSTALLATION BASE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MSYSTEM [M-System Co.,Ltd.]
Site Internet  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

R30BS08/Q Fiches technique(HTML) 1 Page - M-System Co.,Ltd.

  R30BS08/Q Datasheet HTML 1Page - M-System Co.,Ltd. R30BS08/Q Datasheet HTML 2Page - M-System Co.,Ltd. R30BS08/Q Datasheet HTML 3Page - M-System Co.,Ltd. R30BS08/Q Datasheet HTML 4Page - M-System Co.,Ltd. R30BS08/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: R30BS
R30BS SPECIFICATIONS
ES-9008 Rev.5 Page 1/5
https://www.m-system.co.jp/
Remote I/O R30 Series
INSTALLATION BASE
Functions & Features
· Installation base dedicated to Remote I/O R30 Series,
Paperless Recorder TR30 Series and Field Logger DL30
Series
MODEL: R30BS[1][2]
ORDERING INFORMATION
• Code number: R30BS[1][2]
Specify a code from below for each of [1] and [2].
(e.g. R30BS16/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] NUMBER OF SLOTS
00: 0 slot
02: 2 slots
04: 4 slots
06: 6 slots
08: 8 slots
12: 12 slots
16: 16 slots
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Only solder side of the main PWB is coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Capacity:
R30BS00: I/O module, 0 slot (Model: TR30, DL30 single use)
R30BS02: I/O module, 2 slots
R30BS04: I/O module, 4 slots
R30BS04: I/O module, 6 slots
R30BS08: I/O module, 8 slots
R30BS12: I/O module, 12 slots
R30BS16: I/O module, 16 slots
INSTALLATION
Operating temperature: -10 to +55°C (14 to 131°F)
Storage temperature: -20 to +65°C (-4 to +149°F)
Operating humidity: 10 to 90 %RH (non-condensing)
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface or DIN rail
Weight (Without modules mounted)
R30BS00: approx. 50 g (1.76 oz)
R30BS02: approx. 100 g (0.22 lb)
R30BS04: approx. 160 g (0.35 lb)
R30BS06: approx. 210 g (0.46 lb)
R30BS08: approx. 260 g (0.57 lb)
R30BS12: approx. 360 g (0.79 lb)
R30BS16: approx. 470 g (1.04 lb)
PERFORMANCE
Dielectric strength: 1500 V AC @ 1 minute (Internal power
or internal bus to FE; isolated on the power supply module)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
RoHS Directive


Numéro de pièce similaire - R30BS08/Q

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
R30B SEMTECH-R30B Datasheet
148Kb / 3P
FAST SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
R30B SEMTECH_ELEC-R30B Datasheet
283Kb / 3P
FAST SILICON RECTIFIERS
logo
Jonard Tools.
R30B-0100 JONARD-R30B-0100 Datasheet
670Kb / 1P
KSW & R 30 AWG WIRE 100’ • 1,000’
More results

Description similaire - R30BS08/Q

FabricantNo de pièceFiches techniqueDescription
logo
M-System Co.,Ltd.
R6N-BS MSYSTEM-R6N-BS Datasheet
317Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R6D-BS MSYSTEM-R6D-BS Datasheet
325Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
R30NOUA1 MSYSTEM-R30NOUA1 Datasheet
130Kb / 3P
Remote I/O R30 Series NETWORK MODULE
R30NECT1 MSYSTEM-R30NECT1 Datasheet
131Kb / 3P
Remote I/O R30 Series NETWORK MODULE
R30NCIT1 MSYSTEM-R30NCIT1 Datasheet
219Kb / 7P
Remote I/O R30 Series NETWORK MODULE
R30NCIE1 MSYSTEM-R30NCIE1 Datasheet
217Kb / 7P
Remote I/O R30 Series NETWORK MODULE
R30GCIE1 MSYSTEM-R30GCIE1 Datasheet
174Kb / 5P
Remote I/O R30 Series
R3-BS MSYSTEM-R3-BS Datasheet
161Kb / 5P
Remote I/O R3 Series INSTALLATION BASE
R5-BS MSYSTEM-R5-BS Datasheet
311Kb / 4P
Remote I/O R5 Series INSTALLATION BASE
R6S-BS MSYSTEM-R6S-BS Datasheet
333Kb / 5P
Remote I/O R6 Series INSTALLATION BASE
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com