| Moteur de recherche de fiches techniques de composants électroniques |
|
R30GCIE1S/Q Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
R30GCIE1S/Q Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 5 page ![]() MODEL: R30GCIE1 R30GCIE1 SPECIFICATIONS ES-9027 Rev.3 Page 2/5 https://www.m-system.co.jp/ PERFORMANCE Insulation resistance: ≥ 100 MΩ with 500 V DC Dielectric strength: 1500 V AC @ 1 minute (CC-Link IE Field to internal bus or internal power) 1500 V AC @ 1 minute (power input to FE; isolated on the power supply module) STANDARDS & APPROVALS EU conformity: EMC Directive EMI EN 61000-6-4 EMS EN 61000-6-2 RoHS Directive EXTERNAL VIEW Status Indicator LEDs Not in use CC-Link IE Field Communication RJ-45 Modular Jack Station No. Rotary SW ■ FRONT VIEW ■ BOTTOM VIEW ■ SIDE VIEW Specifications Lock Tab Base Fixing Screw Positioning Guide CN1 CN2 ×10 ×1 STATION No. RUN RD SD D LINK ERR |