Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC755 Fiches technique(PDF) 55 Page - NXP Semiconductors

No de pièce MPC755
Description  RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC755 Fiches technique(HTML) 55 Page - NXP Semiconductors

Back Button MPC755 Datasheet HTML 48Page - NXP Semiconductors MPC755 Datasheet HTML 49Page - NXP Semiconductors MPC755 Datasheet HTML 50Page - NXP Semiconductors MPC755 Datasheet HTML 51Page - NXP Semiconductors MPC755 Datasheet HTML 52Page - NXP Semiconductors MPC755 Datasheet HTML 53Page - NXP Semiconductors MPC755 Datasheet HTML 54Page - NXP Semiconductors MPC755 Datasheet HTML 55Page - NXP Semiconductors MPC755 Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
MPC755 RISC Microprocessor Hardware Specifications, Rev. 8
Freescale Semiconductor
55
Ordering Information
10.3
Part Marking
Parts are marked as the example shown in Figure 29.
Figure 29. Part Marking for BGA Device
BGA
MPC755C
RX400LE
MMMMMM
ATWLYYWWA
755
BGA
XPC745B
PX350LE
MMMMMM
ATWLYYWWA
745
Notes:
CCCCC is the country of assembly. This space is left blank if parts are
MMMMMM is the 6-digit mask number.
ATWLYYWWA is the traceability code.
assembled in the United States.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56