| Moteur de recherche de fiches techniques de composants électroniques |
|
M2CEC-1175D-R2/Q Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
M2CEC-1175D-R2/Q Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 5 page ![]() MODEL: M2CEC M2CEC SPECIFICATIONS ES-5052 Rev.3 Page 2/5 http://www.m-system.co.jp/ R2: 11 – 27 V DC (Operational voltage range 11 – 27 V, ripple 10 %p-p max.) P: 110 V DC (Operational voltage range 85 – 150 V, ripple 10 %p-p max.) [5] OPTIONS Other Options blank: none /Q: Option other than the above (specify the specification) SPECIFICATIONS OF OPTION: Q (multiple selections) COATING (For the detail, refer to M-System's web site.) /C01: Silicone coating /C02: Polyurethane coating /C03: Rubber coating TERMINAL SCREW MATERIAL /S01: Stainless steel ACCESSORIES The clamp-on current sensor is included in the product package. ■ CLAMP-ON CURRENT SENSOR (leadwire type CLSA) • 0 – 10 A through 0 – 75 A Use Sensor model No.: CLSA-08 Sensor cable model No.: CLSA-08C-30 Applicable cable diameter: Max. 10.0 Sensor leadwire: AWG 22 Weight: 45 g (1.6 oz) • 0 – 100 A Use Sensor model No.: CLSA-12 Sensor cable model No.: CLSA-08C-30 Applicable cable diameter: Max. 16.0 Sensor leadwire: AWG 22 Weight: 70 g (2.5 oz) • 0 – 125 A through 0 – 300 A Use Sensor model No.: CLSA-30 Applicable cable diameter: Max. 24.0 Sensor leadwire: AWG 18, 200 mm Weight: 200 g (7.1 oz) • 0 – 350 A through 0 – 500 A Use Sensor model No.: CLSA-50 Applicable cable diameter: Max. 36.0 Sensor leadwire: AWG 18, 200 mm Weight: 300 g (10.6 oz) ■ CLAMP-ON CURRENT SENSOR (screw terminal type CLSB) Connection: M3 screw terminal (torque 0.5 N·m) Screw terminal: Nickel-plated steel Output wiring: Use AWG22 or thicker wires for the output. Twist the paired wires, extendable up to 30 meters. • 0 – 10 A through 0 – 50 A Use Sensor model No.: CLSB-05 Applicable cable diameter: Max. 10.0 Weight: 45 g (1.6 oz) • 0 – 60 A through 0 – 100 A Use Sensor model No.: CLSB-10 Applicable cable diameter: Max. 16.0 Weight: 80 g (2.8 oz) • 0 – 125 A through 0 – 200 A Use Sensor model No.: CLSB-20 Applicable cable diameter: Max. 24.0 Weight: 200 g (7.1 oz) • 0 – 225 A through 0 – 400 A Use Sensor model No.: CLSB-40 Applicable cable diameter: Max. 35.0 Weight: 300 g (10.6 oz) • 0 – 500 A through 0 – 600 A Use Sensor model No.: CLSB-60 Applicable cable diameter: Max. 35.0 Weight: 360 g (12.7 oz) Note 1: The output values may vary depending on the accuracy of engagement at the clamp connection. Note 2: The sensor is detachable up to 100 times (approx.). Note 3: The sensor’s mechanical construction may cause it to generate resonance sound. However, it does not affect the performance of the sensor. GENERAL SPECIFICATIONS Construction: Plug-in Connection: M3 screw terminals (torque 0.8 N·m) Screw terminal: Chromated steel (standard) or stainless steel Housing material: Flame-resistant resin (black) Isolation: Sensor core to input to output to power Input waveform RMS sensing: Up to 15 % of 3rd harmonic content Overrange output: 0 to 120 % at 1 – 5 V Zero adjustment: -5 to +5 % (front) Span adjustment: 95 to 105 % (front) INPUT SPECIFICATIONS Frequency: 50 / 60 / 400 Hz Overload capacity CLSA - 08: 120 A continuous CLSA - 12: 300 A continuous CLSA - 30: 360 A continuous CLSA - 50: 600 A continuous CLSB - 05: 100 A continuous CLSB - 10: 200 A continuous CLSB - 20: 300 A continuous CLSB - 40: 600 A continuous CLSB - 60: 720 A continuous Operational range: 0 – 120 % of rating |