Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HDLS-1414 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce HDLS-1414
Description  Four Character Smart Alphanumeric Displays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDLS-1414 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  HDLS-1414 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDLS-1414 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDLS-1414 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDLS-1414 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDLS-1414 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDLS-1414 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDLS-1414 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDLS-1414 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDLS-1414 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Absolute Maximum Ratings
Supply Voltage, VDD to Ground[1] ................................. –0.5 V to 7.0 V
Input Voltage, Any Pin to Ground ........................ –0.5 V to VDD +0.5 V
Free Air Operating Temperature Range, TA ................ –40˚C to +85˚C
Storage Temperature, TS .......................................... –40˚C to +100˚C
CMOS IC Junction Temperature ............................................... +150˚C
Relative Humidity (non-condensing) at +65˚C .............................. 85%
Wave Solder Temperature,
1.59 mm (0.063 in.) below Body ............................ 250˚C for 3 secs
ESD Classification, R = 1.5 k
Ω, C = 100 pF ....... Class 1 (0 – 1999 V)
Note:
1. Maximum Voltage is with no LEDs illuminated.
Package Dimensions
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
2
3
4
5
6
7
8
9
10
11
12
GROUND
D0 DATA INPUT
D1 DATA INPUT
D2 DATA INPUT
D3 DATA INPUT
D6 DATA INPUT
D5 DATA INPUT
D4 DATA INPUT
WR WRITE
A1 DIGIT SELECT
A0 DIGIT SELECT
VDD
17.66
(0.695)
4.45
(0.175)
20.12
(0.792)
9.14
(0.360)
0.51 ± 0.13
(0.020 ± 0.005)TYP.
6.10
(0.240)
2.54
(0.100)
TYP.
15.30
(0.600)
0.25 ± 0.13
(0.010 ± 0.005)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES).
PIN 1 IDENTIFIER
4.10
(0.160)
HDLX-1414
YYWW
X
Z
PART NUMBER
LUMINOUS INTENSITY
COLOR BIN [3]
DATE CODE (YEAR, WEEK)
0.39
(0.015)
TYP.
(2X)
PIN 1
TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com