| Moteur de recherche de fiches techniques de composants électroniques |
|
MP1610-AA-RV Fiches technique(PDF) 4 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
MP1610-AA-RV Fiches technique(HTML) 4 Page - M-System Co.,Ltd. |
|
4 / 4 page ![]() MP1600-1623 ES-9805 Rev.5 Specifications subject to change without notice. P. 4 / 4 TERMINAL ASSIGNMENT sSINGLE OUTPUT PIN MP1600 MP1600 MP1602 MP1602 MP1603 MP1603 w/Option T w/Option T w/Option T 1 POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) 2 No Connection No Connection No Connection No Connection No Connection No Connection 3 POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) 4 INPUT (Hot) No Connection No Connection No Connection No Connection No Connection 5 INPUT (Neu) No Connection SP Pot CCW SP Pot CCW SP – SP – 6 N.O. No Connection SP Pot W SP Pot W SP + SP + 7 COM * No Connection SP Pot CW SP Pot CW No Connection No Connection 8 N.C. * SP Xmtr + No Connection SP Xmtr + No Connection SP Xmtr + 9 N.O. INPUT (Hot) INPUT (Hot) INPUT (Hot) INPUT (Hot) INPUT (Hot) 10 COM Xmtr Common No Connection Xmtr Common No Connection Xmtr Common 11 N.C. INPUT (Neu) INPUT (Neu) INPUT (Neu) INPUT (Neu) INPUT (Neu) 12 Proc Xmtr + No Connection Proc Xmtr + No Connection Proc Xmtr + 13 N.O. N.O. N.O. N.O. N.O. 14 COM * COM * COM * COM * COM * 15 N.C. * N.C. * N.C. * N.C. * N.C. * 16 No Connection No Connection No Connection No Connection No Connection 17 N.O. N.O. N.O. N.O. N.O. 18 COM COM COM COM COM 19 N.C. N.C. N.C. N.C. N.C. 20 No Connection No Connection No Connection No Connection No Connection KEYS N.O. = Normally Open COM = Common N.C. = Normally Closed Proc = Process Xmtr = Transmitter SP = Setpoint W = Wiper CW = Clockwise CCW = Counterclockwise *Pins used for Option V 20-pin = 14(+) - 15(–) 11-pin = 7(+) - 8(–) sLATCHING OUTPUT PIN MP1610 MP1610 MP1612 MP1612 MP1613 MP1613 w/Option T w/Option T w/Option T 1 POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) 2 No Connection No Connection No Connection No Connection No Connection No Connection 3 POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) 4 No Connection No Connection No Connection No Connection No Connection No Connection 5 No Connection No Connection SP Pot CCW SP Pot CCW SP – SP – 6 No Connection No Connection SP Pot W SP Pot W SP + SP + 7 No Connection No Connection SP Pot CW SP Pot CW No Connection No Connection 8 No Connection SP Xmtr + No Connection SP Xmtr + No Connection SP Xmtr + 9 INPUT (Hot) INPUT (Hot) INPUT (Hot) INPUT (Hot) INPUT (Hot) INPUT (Hot) 10 No Connection Xmtr Common No Connection Xmtr Common No Connection Xmtr Common 11 INPUT (Neu) INPUT (Neu) INPUT (Neu) INPUT (Neu) INPUT (Neu) INPUT (Neu) 12 No Connection Proc Xmtr + No Connection Proc Xmtr + No Connection Proc Xmtr + 13 N.O. N.O. N.O. N.O. N.O. N.O. 14 COM * COM * COM * COM * COM * COM * 15 N.C. * N.C. * N.C. * N.C. * N.C. * N.C. * 16 Latch Reset Latch Reset Latch Reset Latch Reset Latch Reset Latch Reset 17 N.O. N.O. N.O. N.O. N.O. N.O. 18 COM COM COM COM COM COM 19 N.C. N.C. N.C. N.C. N.C. N.C. 20 Latch Reset Latch Reset Latch Reset Latch Reset Latch Reset Latch Reset KEYS N.O. = Normally Open COM = Common N.C. = Normally Closed Proc = Process Xmtr = Transmitter SP = Setpoint W = Wiper CW = Clockwise CCW = Counterclockwise *Pins used for Option V 20-pin = 14(+) - 15(–) sDUAL OUTPUT PIN MP1620 MP1620 MP1622 MP1622 MP1623 MP1623 w/Option T w/Option T w/Option T 1 POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) POWER (Hot/+) 2 No Connection No Connection No Connection No Connection No Connection No Connection 3 POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) POWER (Neu/–) 4 INPUT (Hot) No Connection Lo SP Pot CW Lo SP Pot CW No Connection No Connection 5 INPUT (Neu) No Connection Lo SP Pot W Lo SP Pot W Lo SP + Lo SP + 6 N.O. No Connection SP Pots CCW SP Pots CCW SP Common SP Common 7 COM * Hi Set No Connection Hi SP Pot W Hi SP Pot W Hi SP + Hi SP + 8 N.C. * No Connection Hi SP Pot CW Hi SP Pot CW No Connection No Connection 9 N.O. INPUT (Hot) INPUT (Hot) INPUT (Hot) INPUT (Hot) INPUT (Hot) 10 COM * Lo Set Proc Xmtr + No Connection Proc Xmtr + No Connection Proc Xmtr + 11 N.C. * INPUT (Neu) INPUT (Neu) INPUT (Neu) INPUT (Neu) INPUT (Neu) 12 Lo SP Xmtr + No Connection Lo SP Xmtr + No Connection Lo SP Xmtr + 13 N.O. N.O. N.O. N.O. N.O. 14 COM * Lo Set COM * Lo Set COM * Lo Set COM * Lo Set COM * Lo Set 15 N.C. * N.C. * N.C. * N.C. * N.C. * 16 Hi SP Xmtr + No Connection Hi SP Xmtr + No Connection Hi SP Xmtr + 17 N.O. N.O. N.O. N.O. N.O. 18 COM * Hi Set COM * Hi Set COM * Hi Set COM * Hi Set COM * Hi Set 19 N.C. * N.C. * N.C. * N.C. * N.C. * 20 Xmtr Common No Connection Xmtr Common No Connection Xmtr Common KEYS N.O. = Normally Open COM = Common N.C. = Normally Closed Proc = Process Xmtr = Transmitter SP = Setpoint W = Wiper CW = Clockwise CCW = Counterclockwise *Pins used for Option V 20-pin: Hi Set = 19(+) - 18(–) Lo Set = 15(+) - 14(–) 11-pin: Hi Set = 7(+) - 8(–) Lo Set = 10(+) - 11(–) |