Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CY29976AI Fiches technique(PDF) 5 Page - Cypress Semiconductor

No de pièce CY29976AI
Description  3.3V, 125-MHz, Multi-Output Zero Delay Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29976AI Fiches technique(HTML) 5 Page - Cypress Semiconductor

  CY29976AI Datasheet HTML 1Page - Cypress Semiconductor CY29976AI Datasheet HTML 2Page - Cypress Semiconductor CY29976AI Datasheet HTML 3Page - Cypress Semiconductor CY29976AI Datasheet HTML 4Page - Cypress Semiconductor CY29976AI Datasheet HTML 5Page - Cypress Semiconductor CY29976AI Datasheet HTML 6Page - Cypress Semiconductor CY29976AI Datasheet HTML 7Page - Cypress Semiconductor CY29976AI Datasheet HTML 8Page - Cypress Semiconductor CY29976AI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CY29976
Document #: 38-07413 Rev. *A
Page 5 of 10
SYNC Output
In situations were output frequency relationships are not inte-
ger multiples of each other the SYNC output provides a signal
for system synchronization. The CY29976 monitors the rela-
tionship between the QA and the QC output clocks. It provides
a low going pulse, one period in duration, one period prior to
the coincident rising edges of the QA and QC outputs. The
duration and the placement of the pulse depend on the higher
of the QA and QC output frequencies. The following timing
diagram (Figure 1) illustrates various waveforms for the SYNC
output. Note that the SYNC output is defined for all possible
combinations of the QA and QC outputs even though under
some relationships the lower frequency clock could be used
as a synchronizing signal.
SYNC
QC
QA
SYNC
QC
QA
SYNC
QA
QC
SYNC
QC
QA
SYNC
QA
QC
SYNC
QC
QA
SYNC
QC
QA
VCO
1:1 Mode
2:1 Mode
3:1 Mode
3:2 Mode
4:1 Mode
4:3 Mode
6:1 Mode
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10