Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACE25GD512 Fiches technique(PDF) 3 Page - ACE Technology Co., LTD.

No de pièce ACE25GD512
Description  SPI 512K Bits Serial EEPROM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACE [ACE Technology Co., LTD.]
Site Internet  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25GD512 Fiches technique(HTML) 3 Page - ACE Technology Co., LTD.

  ACE25GD512 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE25GD512 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE25GD512 Datasheet HTML 3Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ACE25GD512
SPI 512K Bits Serial EEPROM
VER 1.1
3
Notes
ACE does not assume any responsibility for use as critical components in life support devices or systems
without the express written approval of the president and general counsel of ACE Technology Co., LTD.
As sued herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant
into the body, or (b) support or sustain life, and shoes failure to perform when properly used in
accordance with instructions for use provided in the labeling, can be reasonably expected to result in
a significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can
be reasonably expected to cause the failure of the life support device or system, or to affect its safety
or effectiveness.
ACE Technology Co., LTD.
http://www.ace-ele.com/



Html Pages

1 2 3