Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCXH1632245LBR Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce 74VCXH1632245LBR
Description  16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VCXH1632245LBR Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button 74VCXH1632245LBR Datasheet HTML 8Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 9Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 10Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 11Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 12Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 13Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 14Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 15Page - STMicroelectronics 74VCXH1632245LBR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
74VCXH1632245
12/17
DIM.
mm.
mils
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.0
1.1
1.1639.443.345.7
A1
0.25
9.8
A2
0.78
0.86
30.7
33.9
b
0.25
0.30
0.35
9.8
11.8
13.8
D
3.9
4.0
4.1
153.5
157.5
161.4
D1
3
118.1
E
3.4
3.5
3.6
133.9
137.8
141.7
E1
2.5
98.4
e
0.5
19.7
SE
0.25
9.8
µTFBGA42 MECHANICAL DATA
7513237/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17