| Moteur de recherche de fiches techniques de composants électroniques |
|
ACE24AC08CFMUH Fiches technique(PDF) 12 Page - ACE Technology Co., LTD. |
|
|
|||||||||||||||||||||||||||||
ACE24AC08CFMUH Fiches technique(HTML) 12 Page - ACE Technology Co., LTD. |
|
12 / 20 page ![]() ACE24AC08C Two-wire Serial EEPROM VER 1.1 12 DC Characteristics Symbol Parameter Test Condition Min Typ Max Unit s VCC1 Power supply VCC 1.8 5.5 V ICC Supply Current VCC @5.0V, Read = 400kHZ 0.5 1.0 mA ICC Supply Current VCC@ 5.0V, Write = 400kHZ 2.0 3.0 mA ISB1 Standby Current VCC @1.8V, VIN = VCC or VSS 1.0 µA ISB2 Standby Current VCC @2.5V, VIN = VCC or VSS 1.0 µA ISB3 Standby Current VCC @5.0V, VIN = VCC or VSS 1.0 µA ILI Input Leakage Current VIN = VCC or VSS 3.0 µA ILO Output Leakage Current VIN = VCC or VSS 3.0 µA VIL Input Low Level -0.6 VCC*0.3 V VIH Input High Level VCC*0.7 VCC+0.5 V VOL1 Output Low Level VCC @1.8V, IOL =0.15 mA 0.2 V VOL2 Output Low Level VCC @3.0V, IOL = 2.1 mA 0.4 V |