| Moteur de recherche de fiches techniques de composants électroniques |
|
47LLC-S44W0YR-P/Q Fiches technique(PDF) 2 Page - M-System Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
47LLC-S44W0YR-P/Q Fiches technique(HTML) 2 Page - M-System Co.,Ltd. |
|
2 / 7 page ![]() MODEL: 47LLC 47LLC SPECIFICATIONS ES-9505 Rev.8 Page 2/7 http://www.m-system.co.jp/ output to power Excitation: 2.5 V, 5 V, 7.5 V or 10 V selectable (front) Tare adjustment: Via the front button control or by the external contact input Setting: (Front button) • Scaled range • Alarm setpoint • Hysteresis (deadband) • Moving average • Others (Refer to the instruction manual for details) Read rate: 40 times/sec. (25 msec.) Averaging: None or moving average Lockout setting: Prohibiting certain operations; protecting settings DISPLAY Display: 16 mm (.63) high, 4 ½ digits, 7-segment LED Display range: -19999 to 19999 Decimal point position: 10–1, 10–2, 10–3, 10–4 or none Zero indication: Higher-digit zeros are suppressed. Over-range indication: ‘-19999’ or ‘19999’ blinking for display values out of the scaled range. ‘S.ERR’ and ‘Max’ blinking when the input signal is out of the usable range. Alarm status indication LL indicator: Green LED turns on when the LL alarm is tripped. L indicator: Green LED turns on when the L alarm is tripped. H indicator: Red LED turns on when the H alarm is tripped. HH indicator: Red LED turns on when the HH alarm is tripped. P indicator: Amber LED turns on when none of the other alarms is tripped. Only ‘P’ turns on with no-alarm-output type. ‘LL’ or ‘HH’ does not turn on with dual-alarm-output type. All setpoints can be independently set either for Hi or Lo alarm trip. Function indicators: Zro, Spn, D/P, Tch, Fnc, Min, Max Display mode status and operation status, amber ON or blink Engineering unit indication: Sticker label attached DC, AC, mV, V, kV, μA, mA, A, kA, mW, W, kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ, cm, mm, m, m/sec, mm/min, cm/min, m/min, m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec, m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h, N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J, kJ, MJ, rpm, sec, min, min-1, pH, %, ppm, etc. INPUT SPECIFICATIONS ■ Strain Gauge Input • Strain Gauge: Refer to the next table • Excitation: 2.5 V, 5 V, 7.5 V or 10 V selectable Maximum current: 120 mA Load resistance: ≥ 85 Ω Default setting: 2.5 V ■ Tare Command Input: TTL level (5V-CMOS level), open collector or dry contact (saturation voltage ≤ 1 V, sink current 0.5 mA) TYPE STRAIN GAUGE RATING ZERO ADJUSTMENT S1 0.0 – 1.0mV/V -10.00 – +10.00mV S2 0.0 – 3.0mV/V -30.00 – +30.00mV S3 0.0 – 10.0mV/V -100.0 – +100.0mV S4 0.0 – 30.0mV/V -300.0 – +300.0mV Note 1: Choose Type S2 for the strain gauge rating 2.0mV/V with the excitation voltage 10V. For detailed information, refer to “Input Scaling Values A/B v.s. Tare Adjustment” under “PARAMETER LIST” on the instruction manual. Note 2: Consult factory for use with a compression/tension load cells. SPAN INPUT VOLTAGE 1.00 – 10.00mV -10.00 – +20.00mV 3.00 – 30.00mV -30.00 – +60.00mV 10.0 – 100.0mV -100.0 – +200.0mV 30.0 – 300.0mV -300.0 – +600.0mV TYPE S1 S2 S3 S4 OUTPUT SPECIFICATIONS ■ DC Output • DC Current Operational range: -5 – +105 % • DC Voltage Operational range: -5 – +105 % ■ Alarm Output • Relay contact Rated load: 250 V AC @ 3 A (cos ø = 1) 30 V DC @ 3 A (resistive load) Maximum switching voltage: 250 V AC, 30 V DC Maximum switching power: 750 VA, 90 W (resistive load) Minimum load: 5 V DC @ 10 mA Mechanical life: ≥ 5 × 106 cycles (rate 180 cycles/min.) • Photo MOSFET Relay Rating: 120 V AC/DC @ 80 mA (resistive load) ON resistance: ≤ 30 Ω Permissible: 250 mW INSTALLATION Power consumption •AC: Approx. 9 VA at 100 V Approx. 12 VA at 200 V Approx. 13 VA at 264 V •DC: Approx. 5 W |