Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM2130CDT Fiches technique(PDF) 2 Page - Wolfson Microelectronics plc

No de pièce WM2130CDT
Description  10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2130CDT Fiches technique(HTML) 2 Page - Wolfson Microelectronics plc

  WM2130CDT Datasheet HTML 1Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 2Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 3Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 4Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 5Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 6Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 7Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 8Page - Wolfson Microelectronics plc WM2130CDT Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
WM2130
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.2 April 2001
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2130CDT/V
0 to +70
oC
28-pin TSSOP
WM2130IDT/V
-40 to +85
oC
28-pin TSSOP
16
15
14
20
19
18
17
5
6
7
1
2
3
4
13
12
11
8
9
10
DIO0
OVR
OEB
AGND
DVDD
REFTS
REFBS
REFBF
REFTF
MODE
VREF
AIN
AVDD
DIO8
REFSENSE
DIO2
DIO3
DIO1
DIO7
AGND
DIO6
DIO5
M876B
DIO4
21
22
23
24
25
26
27
28
DIO9
DGND
STBY
CLK
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
AGND
Ground
Analogue Ground
2
DVDD
Supply
Positive Digital Supply
3
DO0
Digital Output
Digital output bit 0 (lsb)
4
DO1
Digital Output
Digital output bit 1
5
DO2
Digital Output
Digital output bit 2
6
DO3
Digital Output
Digital output bit 3
7
DO4
Digital Output
Digital output bit 4
8
DO5
Digital Output
Digital output bit 5
9
DO6
Digital Output
Digital output bit 6
10
DO7
Digital Output
Digital output bit 7
11
DO8
Digital Output
Digital output bit 8
12
DO9
Digital Output
Digital output bit 9 (msb)
13
OVR
Digital Output
Over-range output (tri-statable)
14
DGND
Ground
Digital Ground
15
CLK
Digital Input
Clock input
16
STBY
Digital Input
Powerdown control
17
OEB
Digital Input
Output enable bar – low to enable DO[9:0] and OVR
18
REFSENSE
Analogue Input/Output
VREF mode control
19
AGND
Ground
Negative Analogue Supply
20
M876B
Digital Input
AD876 mode select
21
REFTS
Analogue Input
Top reference sense
22
REFTF
Analogue Input/Output
Top reference force
23
MODE
Digital Input
Input mode select
24
REFBF
Analogue Input/Output
Bottom reference force
25
REFBS
Analogue Input
Bottom reference sense
26
VREF
Analogue Input/Output
Internal reference output
27
AIN
Analogue Input
Analog Input
28
AVDD
Supply
Positive Analogue Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20