Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCP48FVB28 Fiches technique(PDF) 91 Page - Microchip Technology

No de pièce MCP48FVB28
Description  8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48FVB28 Fiches technique(HTML) 91 Page - Microchip Technology

Back Button MCP48FVB28 Datasheet HTML 87Page - Microchip Technology MCP48FVB28 Datasheet HTML 88Page - Microchip Technology MCP48FVB28 Datasheet HTML 89Page - Microchip Technology MCP48FVB28 Datasheet HTML 90Page - Microchip Technology MCP48FVB28 Datasheet HTML 91Page - Microchip Technology MCP48FVB28 Datasheet HTML 92Page - Microchip Technology MCP48FVB28 Datasheet HTML 93Page - Microchip Technology MCP48FVB28 Datasheet HTML 94Page - Microchip Technology MCP48FVB28 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 112 page
background image
 2020 Microchip Technology Inc.
DS20006362A-page 91
MCP48FXBX4/8
9.0
DEVELOPMENT SUPPORT
Development support can be classified into two groups.
These are:
• Development Tools
• Technical Documentation
9.1
Development Tools
Several development tools are available to assist in
your design and evaluation of the MCP48FXBX4/8
devices. The currently available tools are shown in
Table 9-1.
Figure 9-1 shows how the TSSOP20EV bond-out PCB
can
be
populated
to
easily
evaluate
the
MCP48FXBX4/8 devices. The PICkit™ Serial Analyzer
can be used to control the DAC Output registers and
state of the Configuration, Control and Status register.
The TSSOP20EV boards may be purchased directly
from the Microchip website at www.microchip.com.
9.2
Technical Documentation
Several additional technical documents are available to
assist you in your design and development. These
technical documents include Application Notes,
Technical Briefs and Design Guides. Table 9-2 lists
some of these documents.
TABLE 9-1:
DEVELOPMENT TOOLS(1)
Board Name
Part #
Comment
20-Pin TSSOP and SSOP Evaluation Board TSSOP20EV Most Flexible Option – Recommended Bond-out PCB
Note 1:
Supports the PICkit™ Serial Analyzer. See the User’s Guide for additional information and requirements.
TABLE 9-2:
TECHNICAL DOCUMENTATION
Application
Note Number
Title
Literature #
AN1326
Using the MCP4828 12-Bit DAC for LDMOS Amplifier Bias Control Applications
DS01326
Signal Chain Design Guide
DS21825
Analog Solutions for Automotive Applications Design Guide
DS01005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More