| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP48FVB14 Fiches technique(PDF) 83 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP48FVB14 Fiches technique(HTML) 83 Page - Microchip Technology |
|
83 / 112 page ![]() 2020 Microchip Technology Inc. DS20006362A-page 83 MCP48FXBX4/8 7.8 READ Command (Normal and High Voltage) The READ command is a 24-bit command and is used to transfer data from the specified memory location to the host controller. The READ command can be issued to both the volatile and nonvolatile memory locations. The format of the command, as well as an example of SDI and SDO data, are shown in Figure 7-7. The first seven bits of the READ command determine the address and the command. The 8th clock will out- put the CMDERR bit on the SDO pin. By means of the remaining 16 clocks, the device will transmit the data bits of the specified address (AD4:AD0). During an EEPROM write cycle (write to nonvolatile memory location or enable/disable Configuration bit command), the READ command can only read the volatile memory locations. By reading the Status register (0Ah), the host controller can determine when the write cycle has been completed (via the state of the EEWA bit). The READ command formats include: • Single Read • Continuous Reads 7.8.1 LAT PIN INTERACTION During a READ command of the DACn registers, if the LAT pin transitions from VIH to VIL, then the read data may be corrupted. This is due to the fact that the data being read are the output value and not the DAC register value. The LAT pin transition causes an update of the output value. Based on the DAC output value, the DACn register value and the Command bit where the LAT pin transitions, the value being read could be corrupted. If LAT pin transitions occur during a read of the DACn register, it is recommended that sequential reads be performed until the two most recent read values match. Then the most recent read data are good. 7.8.2 SINGLE READ The READ command operation requires that the CS pin be in the Active state (VIL). Typically, the CS pin will be in the Inactive state (VIH) and is driven to the Active state (VIL). The 24-bit READ command (command byte and data byte) is then clocked in on the SCK and SDI pins. The SDO pin starts driving data on the 8th bit (CMDERR bit) and the addressed data come out on the 9th through 24th clocks. FIGURE 7-7: READ Command – SDI and SDO States. Note 1: During device communication, if an unim- plemented address is specified, then the MCP48FXBX4/8 will command error that byte. To reset the SPI state machine, the CS pin must be driven to the VIH state. 2: If the LAT pin is high (VIH), reads of the volatile DAC register read the output value, not the internal register. 3: The READ commands operate the same regardless of the state of the High-Voltage Command (HVC) signal. 12-bit data 10-bit data 8-bit data SDI AD 4 AD 3 AD 2 AD 1 AD 0 C 1 C 0 X X X X X D 11 D 10 D 09 D 08 D 07 D 06 D 05 D 04 D 03 D 02 D 01 D 00 ** ** * 1 1 * * * * * * * * * * * * * * * * * SDO XX XX XX X 1 00 00 dd dd dd dd dd dd Valid(1) XX XX XX X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Invalid(2) Note 1: The Data bits depend on the resolution of the device: 12-bit = D11:D00, 10-bit = D09:D00, and 8-bit = D07:D00. The unimplemented bits are output as ‘0’ and data are right justified for easy host controller operation (no data manipulation after reading the register value). 2: If an error condition occurs (CMDERR = 0), all the following SDO bits will be output as ‘0’ until the CMDERR condition is cleared (the CS pin is forced to the Inactive state). |