Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS4962M Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce TS4962M
Description  3W Filter - free Class D Audio Power Amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962M Fiches technique(HTML) 2 Page - STMicroelectronics

  TS4962M Datasheet HTML 1Page - STMicroelectronics TS4962M Datasheet HTML 2Page - STMicroelectronics TS4962M Datasheet HTML 3Page - STMicroelectronics TS4962M Datasheet HTML 4Page - STMicroelectronics TS4962M Datasheet HTML 5Page - STMicroelectronics TS4962M Datasheet HTML 6Page - STMicroelectronics TS4962M Datasheet HTML 7Page - STMicroelectronics TS4962M Datasheet HTML 8Page - STMicroelectronics TS4962M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Absolute Maximum Ratings
TS4962M
2/32
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply Voltage(1), (2)
1.
Caution: This device is not protected in the event of abnormal operating conditions, such as for example, short-
circuiting between any one output pin and ground, between any one output pin and VCC, and between
individual output pins.
2.
All voltages values are measured with respect to the ground pin.
6V
Vin
Input Voltage (3)
3.
The magnitude of input signal must never exceed VCC + 0.3V / GND - 0.3V.
GND to VCC
V
Toper
Operating Free-Air Temperature Range
-40 to + 85
°C
Tstg
Storage Temperature
-65 to +150
°C
Tj
Maximum Junction Temperature
150
°C
Rthja
Thermal Resistance Junction to Ambient (4)
4.
Device is protected in case of over temperature by a thermal shutdown active @ 150°C.
200
°C/W
Pdiss
Power Dissipation
Internally Limited(5)
5.
Exceeding the power derating curves during a long period, involves abnormal operating condition.
ESD
Human Body Model
2
kV
ESD
Machine Model
200
V
Latch-up
Latch-up Immunity
200
mA
VSTBY
Standby Pin Voltage Maximum Voltage (6)
6.
The magnitude of standby signal must never exceed VCC + 0.3V / GND - 0.3V.
GND to VCC
V
Lead Temperature (soldering, 10sec)
260
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage(1)
1.
For VCC from 2.4V to 2.5V, the operating temperature range is reduced to 0°C ≤ Tamb ≤ 70°C.
2.4 to 5.5
V
VIC
Common Mode Input Voltage Range(2)
2.
For VCC from 2.4V to 2.5V, the common mode input range must be set at VCC/2.
0.5 to VCC - 0.8
V
VSTBY
Standby Voltage Input: (3)
Device ON
Device OFF
3.
Without any signal on VSTBY, the device will be in standby.
1.4
≤ VSTBY ≤ VCC
GND
≤ VSTB ≤ 0.4 (4)
4.
Minimum current consumption shall be obtained when VSTBY =GND.
V
RL
Load Resistor
≥ 4
Ω
Rthja
Thermal Resistance Junction to Ambient (5)
5.
With heat sink surface
= 125mm2.
90
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32