| Moteur de recherche de fiches techniques de composants électroniques |
|
LGS25 Fiches technique(PDF) 8 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
LGS25 Fiches technique(HTML) 8 Page - Pepperl+Fuchs Inc. |
|
8 / 10 page ![]() LGS25 8 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com Light grid Safety information The device must only be operated with Safety Extra Low Voltage (SELV) with safe electrical disconnection. Intervention and repairs must only be carried out by your suppliers. The system must be serviced and checked regularly. A clean, soft cloth can be used for cleaning. Aggressive, abrasive cleaning agents that damage the surface must be avoided. The device must not be subjected to hard knocks or vibration. Commissioning Prerequisites • The transmitter and receiver must be installed and aligned correctly. • The electrical connection must be established according to the connection diagram. • The signal output must respond to object detection. • If at least one light beam is interrupted, the output remains active as long as the object is detected. Fault location • Measure operating voltage 300 13 460 300 400 17 560 350 500 21 660 400 600 25 760 450 700 29 860 500 800 33 960 550 900 37 1060 600 1000 41 1160 650 1100 45 1260 700 1200 49 1360 750 1300 53 1460 800 1400 57 1560 850 1500 61 1660 900 1600 65 1760 950 1700 69 1860 1000 1800 73 1960 1050 1900 77 2060 1100 2000 81 2160 1150 2100 85 2260 1200 2200 89 2360 1250 2300 93 2460 1300 2400 97 2560 1350 2500 101 2660 1400 2600 105 2760 1450 2700 109 2860 1500 2800 113 2960 1550 2900 117 3060 1600 3000 121 3160 1650 3100 125 3260 1700 3200 129 3360 1750 Design and function Field height [mm] Number of beams Overall length of the transmitter/receiver unit [mm] Weight of the transmitter/receiver unit [g] |