| Moteur de recherche de fiches techniques de composants électroniques |
|
LGS17 Fiches technique(PDF) 8 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
LGS17 Fiches technique(HTML) 8 Page - Pepperl+Fuchs Inc. |
|
8 / 10 page ![]() LGS17 8 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com Light grid Safety information The device must only be operated with Safety Extra Low Voltage (SELV) with safe electrical disconnection. Intervention and repairs must only be carried out by your suppliers. The system must be serviced and checked regularly. A clean, soft cloth can be used for cleaning. Aggressive, abrasive cleaning agents that damage the surface must be avoided. The device must not be subjected to hard knocks or vibration. Commissioning Prerequisites • The transmitter and receiver must be installed and aligned correctly. • The electrical connection must be established according to the connection diagram. • The signal output must respond to object detection. • If at least one light beam is interrupted, the output remains active as long as the object is detected. Fault location • Measure operating voltage 300 19 460 300 400 25 560 350 500 31 660 400 600 37 760 450 700 43 860 500 800 49 960 550 900 55 1060 600 1000 61 1160 650 1100 67 1260 700 1200 73 1360 750 1300 79 1460 800 1400 85 1560 850 1500 91 1660 900 1600 97 1760 950 1700 103 1860 1000 1800 109 1960 1050 1900 115 2060 1100 2000 121 2160 1150 2100 127 2260 1200 2200 133 2360 1250 2300 139 2460 1300 2400 145 2560 1350 2500 151 2660 1400 2600 157 2760 1450 2700 163 2860 1500 2800 169 2960 1550 2900 175 3060 1600 3000 181 3160 1650 3100 187 3260 1700 3200 193 3360 1750 Design and function Field height [mm] Number of beams Overall length of the transmitter/receiver unit [mm] Weight of the transmitter/receiver unit [g] |