| Moteur de recherche de fiches techniques de composants électroniques |
|
LGS8 Fiches technique(PDF) 5 Page - Pepperl+Fuchs Inc. |
|
|
|||||||||||||||||||||||||||||
LGS8 Fiches technique(HTML) 5 Page - Pepperl+Fuchs Inc. |
|
5 / 9 page ![]() Characteristic Curve Offset Y [mm] Distance X [m] Characteristic response curve 800 700 600 500 400 300 200 100 0 0 1 2 3 4 5 6 7 8 x Application System Description The light grid consists of a emitter and a receiver, between which is the area to be monitored. The switching command is initiated by the entry or existence of a body/object in the monitoring field. The modular system design supports a wide range of distances for the lines of light. Optimum implementation of the light grids for specific application requirements is thus possible. The system also has 3 switch outputs for height checking. The system is programmed using the integrated touch field or the IO-Link interface. Accessories OMH-SLCT-06 Swivel Bracket V19-G-EMV-BK0,3M- PVC-V19-G Double-ended cordset, M12 to M12, with EMC filter, 8-pin, PVC cable OMH-LGS-01 Attachment aid for light grid series LGS/LGM OMH-SLCT-01 Quick clamp and adjustment system Light grid LGS8 5 Germany: +49 621 776 1111 Pepperl+Fuchs Group Refer to "General Notes Relating to Pepperl+Fuchs Product Information". USA: +1 330 486 0001 Singapore: +65 6779 9091 www.pepperl-fuchs.com fa-info@us.pepperl-fuchs.com fa-info@sg.pepperl-fuchs.com fa-info@de.pepperl-fuchs.com |