Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LPC1114LVFHN24/103 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce LPC1114LVFHN24/103
Description  32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1114LVFHN24/103 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button LPC1114LVFHN24/103 Datasheet HTML 5Page - NXP Semiconductors LPC1114LVFHN24/103 Datasheet HTML 6Page - NXP Semiconductors LPC1114LVFHN24/103 Datasheet HTML 7Page - NXP Semiconductors LPC1114LVFHN24/103 Datasheet HTML 8Page - NXP Semiconductors LPC1114LVFHN24/103 Datasheet HTML 9Page - NXP Semiconductors LPC1114LVFHN24/103 Datasheet HTML 10Page - NXP Semiconductors LPC1114LVFHN24/103 Datasheet HTML 11Page - NXP Semiconductors LPC1114LVFHN24/103 Datasheet HTML 12Page - NXP Semiconductors LPC1114LVFHN24/103 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
LPC111XLV_LPC11XXLVUK
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 October 2012
9 of 53
NXP Semiconductors
LPC111xLV/LPC11xxLVUK
32-bit ARM Cortex-M0 microcontroller
SWCLK/PIO0_10/
SCK0/
CT16B0_MAT2
B4
14
19
[3]
yes
I
I; PU
SWCLK — Serial wire clock.
I/O
-
PIO0_10 — General purpose digital input/output pin.
I/O
-
SCK0 — Serial clock for SPI0.
O-
CT16B0_MAT2 — Match output 2 for 16-bit timer 0.
R/PIO0_11/
AD0/CT32B0_MAT3
C5
15
21
[5]
yes
I
I; PU
R — Reserved. Configure for an alternate function in
the IOCON block.
I/O
-
PIO0_11 — General purpose digital input/output pin.
I-
AD0 — A/D converter, input 0.
O-
CT32B0_MAT3 — Match output 3 for 32-bit timer 0.
R/PIO1_0/
AD1/CT32B1_CAP0
C4
16
22
[5]
yes
I
I; PU
R — Reserved. Configure for an alternate function in
the IOCON block.
I/O
-
PIO1_0 — General purpose digital input/output pin.
I-
AD1 — A/D converter, input 1.
I-
CT32B1_CAP0 — Capture input 0 for 32-bit timer 1.
R/PIO1_1/
AD2/CT32B1_MAT0
D5
17
23
[5]
no
O
I; PU
R — Reserved. Configure for an alternate function in
the IOCON block.
I/O
-
PIO1_1 — General purpose digital input/output pin.
I-
AD2 — A/D converter, input 2.
O-
CT32B1_MAT0 — Match output 0 for 32-bit timer 1.
R/PIO1_2/
AD3/CT32B1_MAT1
D4
18
24
[5]
no
I
I; PU
R — Reserved. Configure for an alternate function in
the IOCON block.
I/O
-
PIO1_2 — General purpose digital input/output pin.
I-
AD3 — A/D converter, input 3.
O-
CT32B1_MAT1 — Match output 1 for 32-bit timer 1.
SWDIO/PIO1_3/
AD4/CT32B1_MAT2
E5
19
25
[5]
no
I/O
I; PU
SWDIO — Serial wire debug input/output.
I/O
-
PIO1_3 — General purpose digital input/output pin.
I-
AD4 — A/D converter, input 4.
O-
CT32B1_MAT2 — Match output 2 for 32-bit timer 1.
PIO1_4/AD5/
CT32B1_MAT3
D3
20
26
[5]
no
I/O
I; PU
PIO1_4 — General purpose digital input/output pin with
10 ns glitch filter.
I-
AD5 — A/D converter, input 5.
O-
CT32B1_MAT3 — Match output 3 for 32-bit timer 1.
PIO1_5/RTS/
CT32B0_CAP0
E2
23
30
[3]
no
I/O
I; PU
PIO1_5 — General purpose digital input/output pin.
O-
RTS — Request To Send output for UART.
I-
CT32B0_CAP0 — Capture input 0 for 32-bit timer 0.
PIO1_6/RXD/
CT32B0_MAT0
D2
24
31
[3]
no
I/O
I; PU
PIO1_6 — General purpose digital input/output pin.
I-
RXD — Receiver input for UART.
O-
CT32B0_MAT0 — Match output 0 for 32-bit timer 0.
Table 3.
LPC110xLVUK/LPC111xLV pin description table
Symbol
Start
logic
input
Type
Reset
state
[1]
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com